Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4069L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TC4069L-S14-R
Description  INVERTER CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TC4069L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TC4069L-S14-R Datasheet HTML 1Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 2Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 3Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 4Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
TC4069
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-635.B
I N V ERT ER CI RCU I T S
DESCRI PT I ON
The UTC TC4069 consists of six inverter circuits and is
manufactured using complementary MOS (CMOS) to achieve
wide power supply operating range, low power consumption,
high noise immunity, symmetric controlled rise and fall times.
All inputs are protected from damage of static discharge by
diode clamps to VDD and VSS.
FEAT U RES
* Wide supply voltage range: 3.0V ~ 18V.
* High noise immunity: 0.45 VDD TYP.
* Low Power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS.
SOP-14
DIP-14
TSSOP-14
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
TC4069L-D14-T
TC4069G-D14-T
DIP-14
Tube
TC4069L-S14-R
TC4069G-S14-R
SOP-14
Tape Reel
TC4069L-P14-R
TC4069G-P14-R
TSSOP-14
Tape Reel
M ARK I N G


Similar Part No. - TC4069L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TC4069L-S14-R UTC-TC4069L-S14-R Datasheet
176Kb / 5P
INVERTER CIRCUITS
TC4069L-S14-R UTC-TC4069L-S14-R Datasheet
176Kb / 5P
INVERTER CIRCUITS
More results

Similar Description - TC4069L-S14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
Inverter Circuits
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
Inverter Circuits
logo
Toshiba Semiconductor
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
Unisonic Technologies
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069_15 Datasheet
286Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
INVERTER CIRCUITS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com