Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UM602AL-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UM602AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UM602A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R105-030.C
V OLT AGE REFEREN CE (Cont .)
(TA=25
C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
UM602A-1
2.490
2.500 2.510
V
Reference Input Voltage
(TA=25C) (Figure 1)
UM602A-2
VREF
VKA=VREF,IK=10mA
2.475 2.500 2.525
V
Reference Input Voltage Deviation Over
Temperature Range (Figure 1, Note 1)
△VREF
VKA=VREF,IK=10mA
TMIN
≤ TA ≤ TMAX
7
30
mV
Temperature Coefficient of Reference Input
Voltage (Note 2)
REF
V
T
฀
฀
VKA=VREF,IK=10mA
TMIN
≤ TA ≤ TMAX
±22
±100 ppm/
C
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
(Figure2)
REF
KA
V
V
฀
฀
IK=10mA, △VKA=36~3V
-1.1
-2
mV/V
TA=25C
1.5
2.5
μA
Reference Input Current (Figure2)
IREF
IK=10mA,R1
=10k
ΩR2=∞
TMIN
≤ TA ≤
TMAX
3
μA
Reference Input Current Deviation Over
Temperature Range (Figure 2)
△IREF
IK=10mA, R1=10k
Ω,
R2=
∞, TMIN ≤ TA ≤ TMAX
0.5
1
μA
Minimum Cathode Current for
Regulation-(figure1)
IMIN
VKA=VREF
0.5
1
mA
Off-State Cathode Current (Figure 3)
IOFF
180
500
nA
Notes: 1. △VREF is defined as the difference between the maximum and minimum values obtained over the full
temperature range.
VREF=VREFMAX –VREFMIN
T1
T2
VREFMAX
VREFNIN
Temperature
2. The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature
limits whithin which the reference voltage is guaranteed.
Min
2.5V
Max
25°C
Temperature
+n pm/c
-n pm/c
3.The dynamic lmpedance is defined as ︱ZKA︱=
KA
K
V
I
฀
฀ .



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com