Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM602AL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM602AL-S16-R
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602AL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM602AL-S16-R Datasheet HTML 1Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 2Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 3Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 4Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 5Page - Unisonic Technologies UM602AL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UM602A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R105-030.C
DU AL OPERAT I ON AL
AM PLI FI ER-DU AL
COM PARAT OR AN D
ADJ U ST ABLE V OLT AGE
REFEREN CE
DESCRI PT I ON
The UTC UM602A is a monolithic IC that includes two op-amps,
two comparators and a precision voltage reference. This device is
offering space and cost saving in many applications like power
supply management or data acquisition systems.
FEAT U RES
OPERATIONAL AMPLIFIERS
*Low supply current: 200
μA/amp.
*Medium speed: 2.1MHz
*Low level output voltage close to VCC
-:0.1V typ.
*Input common mode voltage range includes ground
COMPARATORS
*Low supply current: 200
μA/amp. (VCC=5V)
*Input common mode voltage range includes ground
*Low output saturation voltage: 250mV(IO=4mA)
REFERENCE
* Adjustable output voltage: VREF to 32V
* Reference voltage tolerance
UM602A-1: ±0.4%
UM602A-2: ±1%
* Sink current capability: 1~100mA
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM602AL-D16-T
UM602AG-D16-T
DIP-16
Tube
UM602AL-S16-R
UM602AG-S16-R
SOP-16
Tape Reel


Similar Part No. - UM602AL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM602AL-D16-T UTC-UM602AL-D16-T Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
More results

Similar Description - UM602AL-S16-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Feb-1999
logo
KEC(Korea Electronics)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com