Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGI48N60C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGI48N60C3
Description  High-Speed PT IGBTs for 40-100kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGI48N60C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGI48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 6Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXGI48N60C3 IXGA48N60C3
IXGP48N60C3 IXGH48N60C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 30A, VCE = 10V, Note 1
20
30
S
C
ies
1960
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
207
pF
C
res
66
pF
Q
g
77
nC
Q
ge
I
C = 30A, VGE = 15V, VCE = 0.5 • VCES
16
nC
Q
gc
32
nC
t
d(on)
19
ns
t
ri
26
ns
E
on
0.41
mJ
t
d(off)
60
100
ns
t
fi
38
ns
E
off
0.23
0.42
mJ
t
d(on)
19
ns
t
ri
26
ns
E
on
0.65
mJ
t
d(off)
92
ns
t
fi
95
ns
E
off
0.57
mJ
R
thJC
0.42 °C/W
R
thCS
(TO-247)
0.21
°C/W
(TO-220)
0.50
°C/W
Inductive Load, T
J = 25°C
I
C = 30A, VGE = 15V
V
CE = 400V, RG = 3Ω
Note 2
Inductive Load, T
J = 125°C
I
C = 30A, VGE = 15V
V
CE = 400V, RG = 3Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
TO-263 Lead (IXGI)
G = Gate
D
= Collector
S = Emitter
Tab = Collector
TO-247 (IXGH)
G
E
C
C (Tab)
TO-263 AA (IXGA)
G
E
G
C E
TO-220AB (IXGP)
C (Tab)
C (Tab)
C
E
G
C (Tab)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com