Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGI48N60C3 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXGI48N60C3
Description  High-Speed PT IGBTs for 40-100kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGI48N60C3 Datasheet(HTML) 7 Page - IXYS Corporation

  IXGI48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 6Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXYS REF: G_48N60C3(5D) 6-23-11-C
IXGI48N60C3 IXGA48N60C3
IXGP48N60C3 IXGH48N60C3
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
15
20
25
30
35
40
45
50
55
60
IC - Amperes
14
16
18
20
22
24
26
t r i
td(on) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
25ºC < TJ < 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
10
20
30
40
50
60
70
80
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
17
18
19
20
21
22
23
24
25
t r i
td(on) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
I C = 15A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
RG - Ohms
15
20
25
30
35
40
45
50
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 60A
I C = 15A, 30A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com