Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2744555577 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2744555577
Description  SM Beads (Differential- Mode)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2744555577 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2744555577 Datasheet HTML 1Page - Fair-Rite Products Corp. 2744555577 Datasheet HTML 2Page - Fair-Rite Products Corp. 2744555577 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Chart Legend
+ Test frequency
Typical Impedance (Ω)
10 MHz
255
25 MHz
+
425
100 MHz
+
600
250 MHz
575
Electrical Properties
Max
Rdc(mΩ)
6.2
SM Beads are controlled for impedance limits only. Minimum impedance values are specified for the + marked frequencies. The
minimum impedance is typically the listed value less 20%. SM Beads in 73, 43 and 44 materials are measured for impedance on
the 4193 Vector Impedance Analyzer. The 52 and 61 SM Beads are tested for impedance on the 4291A RF Impedance Analyzer.
The maximum practical current rating for these SM Beads is 5 amps, check the component bias curves. The 019/021/037
and 044 SM Beads can withstand a continuous current of 10 amps resulting in a component temperature rise < 40 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com