Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2744555577 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2744555577
Description  SM Beads (Differential- Mode)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2744555577 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2744555577 Datasheet HTML 1Page - Fair-Rite Products Corp. 2744555577 Datasheet HTML 2Page - Fair-Rite Products Corp. 2744555577 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM Beads (Differential- Mode)
Part Number: 2744555577
44 SM BEAD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
– Last digit 6 = Bulk Packed, 7 = Taped and Reeled
Surface mount beads are available from Fair- Rite in several materials and sizes. Their rugged construction lowers the dc
resistance and increases current carrying capacity compared to plated beads.
Wires are oxygen free high conductivity copper with 100% matte tin plating over a nickel undercoating.
SM Beads meet the solderability specifications when tested in accordance with MIL- STD-202, method 208. After dipping the
mounting site of the bead, the solder surface shall be at least 95% covered with a smooth solder coating. The edges of the copper
strip are not specified as solderable surfaces.
After preheating the beads to within 100 °C of the soldering temperature, the parts meet the resistance to soldering requirements
of EIA-186-10E, temperature 260 ±5 °C and time 10 ±1 seconds.
Recommended storage and operation temperature is -55 °C to 125 °C.
Our “Surface Mount Bead Kit” (part number 0199000025) is available for prototype evaluation.
Recommended Soldering Profile
Packaging Options:
– SM Beads on 12 mm tape width are supplied taped and reeled per EIA 481 and IEC 60286-3 standards. SM Beads on 16 and 24
mm tape widths are supplied taped and reeled per EIA 481 and IEC 60286-3 standards. Taped and reeled parts are supplied on a
13″ reel.
– SM Beads can also be supplied not taped and reeled and then are bulk packed. This packing method will change the last digit
of the part number to a “6”.
For any SM Bead requirement not listed, please contact our customer service group for availability and pricing.
Suggested land patterns are in accordance with the latest revision of IPC-7351.
Weight: 0.96 (g)
Dim
mm
mm tol
nominal inch
inch misc.
A
5
Max
0.197
Max
B
5
±0.25
0.197
_
C
11
Max
0.433
Max
D
2.5
±0.50
0.098
_
Land Patterns
V
W
X
Y
Z
2.00
(0.079”)
7.00
(0.276”)
2.00
(0.079”)
5.00
(0.197”)
_
Reel Information
Tape Width
mm
Pitch
mm
Parts 7"
Reel
Parts 13"
Reel
Parts 14"
Reel
24
8
--
1500
--


Similar Part No. - 2744555577

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2744555576 FAIR-RITE-2744555576 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
More results

Similar Description - 2744555577

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2743019447 FAIR-RITE-2743019447_18 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2743021447 FAIR-RITE-2743021447_18 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2743037446 FAIR-RITE-2743037446_18 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2744040447 FAIR-RITE-2744040447_18 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2744044447 FAIR-RITE-2744044447 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2752555567 FAIR-RITE-2752555567 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2761019447 FAIR-RITE-2761019447 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2761021446 FAIR-RITE-2761021446 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2761021447 FAIR-RITE-2761021447 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
2773019446 FAIR-RITE-2773019446 Datasheet
1Mb / 3P
SM Beads (Differential- Mode)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com