Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BX301N Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BX301N
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BX301N Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BX301N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BX301N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BX301N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
BX301N
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BX301N
Gas Discharge Tube
Version: A0 2016-9-6
Reflow Condition
Pb-Free assembly
Pre
Heat
Temperature Min
150°C
Temperature Max
200°C
Time
min to max
60 – 180 secs
Average ramp up rate
Liquids
Tamp
TL
to peal
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (TL)
(Liquids)
217°C
- Temperature (TL)
60 – 150 seconds
Peak Temperature (TP)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (tp)
~10 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (TP)
8 minutes Max.
Do not exceed
260°C
REF
mm
inch
A
3.8±0.1
0.150±0.004
B
4.5±0.2
0.177±0.008
d
Φ1.5±0.1
Φ0.059±0.004
P0
4.0±0.1
0.157±0.004
P1
2.0±0.1
0.079±0.004
P
8.0±0.1
0.315±0.004
E
1.75±0.1
0.069±0.004
F
5.0±0.1
0.197±0.004
W
12.0±0.3
0.472±0.012
D
Φ330.0
Φ13.0
D1
Φ50Min
Φ1.97Min
D2
Φ13±0.15
0.512±0.006
W1
16.8±2.0
0.661±0.079
Reflow Profile
C
tP
Ramp-down
TP
TL
TS(max)
TS(min)
25
time to peak temper ature
Time
Critical Zone
TL to TP
TL
Preheat
Ramp-up
tS
Package Reel Information
Outline
Reel
(PCS)
Per Carton
(PCS)
Reel Diameter (mm)
Carton Size(mm)
L
W
H
TAPING
2,000
32,000
330
360
360
385



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com