Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BX301N Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BX301N
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BX301N Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BX301N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BX301N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BX301N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
BX301N
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BX301N
Gas Discharge Tube
Version: A0 2016-9-6
`
Small Size Design 4.2×3.5×3.5mm
Current Handling Capability 3,000A @ 8/20
s
μ
Low Capacitance and Insertion Loss
Fast Response and Long Service Life
Moisture sensitivity level
:Level 1
Electrical Parameter
Internet
Schematic Symbol
Application Information
Package (Top View)
Features
Exterior
SMD
1
2
1
2
Agency Approvals
DC Breakdown Voltage 1)2)
100V/s
210~390
V
Impulse Spark-over Voltage
At 1kV/
μs
for 99 % of measured values
 850
V
At 1kV/
μs
Typical values of distribution
750
V
Impulse Discharge Current 3)
8/20μs
10 operations [5x (+) & 5x (-)]
3,000
A
Impulse Discharge Voltage 3)
10/700
μs
10 operations [5x (+) & 5x (-)]
6,000
V
AC Discharge Current
50Hz, 1S, 10times
3
A
Arc Voltage
At 1A
~10
V
Insulation Resistance
DC=100V
≥1
G
Ω
Capacitance at 1MHz
VDC=0.5V
≤0.6
pF
Weight
~0.23
g
Operating
And Storage
Temperature
-40-90
℃
Marking
Without
1) At delivery AQL 0.65 level II ISO 2859
2) In ionized mode
3) Terms and waveforms in accordance with ITU-T Rec. K. 12; IEC 61643-21
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free


Similar Part No. - BX301N

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX3011 APITECH-BX3011 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
BX3012 APITECH-BX3012 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
BX3013 APITECH-BX3013 Datasheet
49Kb / 1P
RF AMPLIFIER MODEL
BX3014 APITECH-BX3014 Datasheet
116Kb / 1P
RF AMPLIFIER MODEL
BX3015 APITECH-BX3015 Datasheet
49Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - BX301N

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com