Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITB15WB1200TMH Datasheet(PDF) 2 Page - IXYS Corporation

Part # MITB15WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB15WB1200TMH Datasheet(HTML) 2 Page - IXYS Corporation

  MITB15WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2010 IXYS All rights reserved
2 - 8
20100906a
MITB15WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Output Inverter D1 - D6
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
RRM
max. repetitve reverse voltage
T
VJ = 150°C
1200
V
I
F25
I
F80
forward current
T
C =
25°C
T
C =
80°C
24
16
A
A
V
F
forward voltage
I
F = 15 A; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
2.3
1.9
2.7
V
V
Q
rr
I
RM
t
rr
E
rec
reverse recovery charge
max. reverse recovery current
reverse recovery time
reverse recovery energy
V
R = 600 V
di
F /dt = -420 A/µs
T
VJ = 125°C
I
F = 15 A; VGE = 0 V
2.3
19.6
330
0.68
µC
A
ns
mJ
R
thJC
R
thCH
thermal resistance junction to case
thermal resistance case to heatsink
(per diode)
0.55
1.6
K/W
K/W
Ouput Inverter T1 - T6
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
CES
collector emitter voltage
T
VJ = 150°C
1200
V
V
GES
V
GEM
max. DC gate voltage
max. transient collector gate voltage
continuous
transient
±20
±30
V
V
I
C25
I
C80
collector current
T
C =
25°C
T
C =
80°C
29
20
A
A
P
tot
total power dissipation
T
C =
25°C
100
W
V
CE(sat)
collector emitter saturation voltage
I
C = 15 A; VGE = 15 V
T
VJ =
25°C
T
VJ = 125°C
1.7
2.0
2.2
V
V
V
GE(th)
gate emitter threshold voltage
I
C = 0.5 mA; VGE = VCE
T
VJ =
25°C
5
5.5
6.5
V
I
CES
collector emitter leakage current
V
CE = VCES; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
0.8
0.6
mA
mA
I
GES
gate emitter leakage current
V
GE = ±20 V
150
nA
C
ies
input capacitance
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1100
pF
Q
G(on)
total gate charge
V
CE = 600 V; VGE = 15 V; IC = 15 A
92
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
turn-on delay time
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
inductive load
T
VJ =
25°C
V
CE = 600 V; IC = 15 A
V
GE = ±15 V; RG = 75 W
55
30
320
200
1.2
1.3
ns
ns
ns
ns
mJ
mJ
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
turn-on delay time
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
inductive load
T
VJ = 125°C
V
CE = 600 V; IC = 15 A
V
GE = ±15 V; RG = 75 W
60
35
360
340
2
1.7
ns
ns
ns
ns
mJ
mJ
RBSOA
reverse bias safe operating area
V
GE = ±15 V; RG = 75 W; IC = 30 A;
T
VJ = 125°C
V
CEK < VCES-LS·dI /dt
V
I
SC
(SCSOA)
short circuit safe operating area
V
CE = 720 V; VGE = ±15 V;
T
VJ = 125°C
R
G = 75 W; tp = 10 µs; non-repetitive
68
A
R
thJC
R
thCH
thermal resistance junction to case
thermal resistance case to heatsink
(per IGBT)
0.4
1.2
K/W
K/W
T
C = 25°C unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com