Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MITB15WB1200TMH Datasheet(PDF) 6 Page - IXYS Corporation

Part # MITB15WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB15WB1200TMH Datasheet(HTML) 6 Page - IXYS Corporation

  MITB15WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2010 IXYS All rights reserved
6 - 8
20100906a
MITB15WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Typical output characteristics, V
GE = 15 V
Typical output characteristics (125°C)
Typical transfer characteristics
Typical forward characteristics of freewheeling diode
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vce [V]
25 °C
125 °C
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vce [V]
Vge= 19V
Vge= 17V
Vge= 15V
Vge= 13V
Vge= 11V
Vge= 9V
0
5
10
15
20
25
30
5
6
7
8
9
10
11
12
Vge [V]
25 °C
125 °C
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vf [V]
25 °C
125 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com