Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2317DT2AG Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP2317DT2AG
Description  20V P-Channel (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2317DT2AG Datasheet(HTML) 2 Page - Leshan Radio Company

  LP2317DT2AG Datasheet HTML 1Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 2Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 3Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 4Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP2317DT2AG
20V P-Channel (D-S) MOSFET
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Drain-Source Breakdown Voltage
(VGS = 0V, ID =-250uA)
Gate Threshold Voltage
(VDS =VGS , ID =-250μA )
Gate Leakage Current
(VDS =0V, VGS =±8V )
Zero Gate Voltage Drain Current
(VDS =-16V, VGS =0V )
On-State Drain Current (Note 3)
(VDS = -5 V, VGS = -4.5 V)
Drain-Source On-Resistance
(VGS = -4.5 V; ID = -7 A)
Drain-Source On-Resistance
(VGS = -2.5 V; ID = -5.6 A)
Diode Forward Voltage (Note 3)
(IS =-2.5 A, VGS =0V)
Forward Transconductance (Note 3)
(VDS = -15 V, ID = -7 A )
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
(VDS = -10 V, RL
= 1.4 Ω,ID = -7
A,VGEN = -4.5 V,
RGEN = 6 Ω)
-
Note: 3. Pulse test: PW ≤300us ,duty cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
ID(on)
gfs
-12
-
-
A
-
8
-
S
-
126
-
-
113
-
nC
ns
pF
Coss
Crss
(VDS = -10 V,
VGS = -4.5 V,ID
= -7 A)
-
6
-
-
12
-
-
85
-
Dynamic (Note 4)
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
Ciss
35
-
-
1435
-
(VDS = -15 V,
VGS = 0 V, f = 1
MHz)
-
30
-
-
4
-
-
6
-
VSD
Static
Unit
nA
µA
VGS(th)
-
V
V
Symbol
Min.
IDSS
-
Typ.
Max.
V
-1.3
-
-
-
-
-
-
-
-
mΩ
26
36
±100
-1
-20
-0.4
-
-
RDS(ON)
(Note 3)
-
-
V(BR)DSS
IGSS
Characteristic
Leshan Radio Company, LTD.
2/5
Rev.D Nov. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com