Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2317DT2AG Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LP2317DT2AG
Description  20V P-Channel (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2317DT2AG Datasheet(HTML) 4 Page - Leshan Radio Company

  LP2317DT2AG Datasheet HTML 1Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 2Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 3Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 4Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP2317DT2AG
20V P-Channel (D-S) MOSFET
Leshan Radio Company, LTD.
4/5
6.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
VDS,Drain To Source Voltage(V)
f=1.0MHz
Ta=25
℃
Ciss
Coss,Crss
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
125
150
Tj,Temperature(
℃)
ID=-250uA
0.000
0.010
0.020
0.030
0.040
0.050
-50
-25
0
25
50
75
100 125 150
Tj(
℃)
VGS=-2.5V,ID=-5.6 A
VGS=-4.5V,ID=-7.0A
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0
2
4
6
VGS,Gate to Source Voltage(V)
ID=-7.0A
150
℃
-55
℃
25
℃
RDS(on) vs. VGS
RDS(on) vs. Tj
VGSTH vs. Tj
Capacitance
Rev.D Nov. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com