Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4061 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 9Page - Linear Technology LTC4061 Datasheet HTML 10Page - Linear Technology LTC4061 Datasheet HTML 11Page - Linear Technology LTC4061 Datasheet HTML 12Page - Linear Technology LTC4061 Datasheet HTML 13Page - Linear Technology LTC4061 Datasheet HTML 14Page - Linear Technology LTC4061 Datasheet HTML 15Page - Linear Technology LTC4061 Datasheet HTML 16Page - Linear Technology LTC4061 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4061
13
4061fa
APPLICATIO S I FOR ATIO
Figure 3. State Diagram of a Charge Cycle
Using Charge Time Termination
CHARGE MODE
FULL CURRENT
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
CHARGE TIME
ELAPSES
1/4 CHARGE TIME
ELAPSES
BAT < 4.1V
4061 F03
TRICKLE CHARGE MODE
1/10TH FULL CURRENT
BAT > 2.9V
BAT < 2.9V
2.9V < BAT < 4.1V
BAT > 4.1V
EN = 5V
OR
UVLO CONDITION
STANDBY MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN MODE
ICC DROPS TO 20µA
CHRG STATE: Hi-Z
CHRG STATE: PULL-DOWN
DEFECTIVE BATTERY
FAULT MODE
NO CHARGE CURRENT
CHRG STATE: PULSING
RECHARGE MODE
FULL CURRENT
CHRG STATE:
PULL-DOWN IF IBAT > IDETECT
Hi-Z IF IBAT < IDETECT
1/2 CHARGE
TIME ELAPSES
POWER ON
EN = 0V
OR UVLO
CONDITION
STOPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com