Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4061 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 2 Page - Linear Technology

  LTC4061 Datasheet HTML 1Page - Linear Technology LTC4061 Datasheet HTML 2Page - Linear Technology LTC4061 Datasheet HTML 3Page - Linear Technology LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4061
2
4061fa
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
Input Supply Voltage (VCC) ........................ –0.3V to 10V
⎯E⎯N, ⎯A⎯C⎯P⎯R, ⎯C⎯H⎯R⎯G, NTC, PROG,
⎯C⎯/⎯5, BAT ..................................................... –0.3V to 10V
TIMER, IDET .................................... –0.3V to VCC + 0.3V
BAT Short-Circuit Duration............................ Continuous
VCC Pin Current...........................................................1A
BAT Pin Current ..........................................................1A
Maximum Junction Temperature (Note 5) ............ 125°C
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
ORDER PART
NUMBER
DD PART
MARKING
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD IS GROUND (PIN 11)
MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBJS
LTC4061EDD
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
●
4.3
8
V
ICC
Input Supply Current
Charge Mode (Note 4), RPROG = 10k
●
240
500
µA
Standby Mode, Charge Terminated
●
130
300
µA
Shutdown (⎯⎯E⎯N = 5V, VCC < VBAT or VCC < VUV) ●
20
50
µA
VFLOAT
VBAT Regulated Output Voltage
4.185
4.2
4.215
V
0 ≤ TA ≤ 85°C
4.175
4.2
4.225
V
IBAT
BAT Pin Current
RPROG = 10k, Constant Current Mode
●
93
100
107
mA
RPROG = 1.25k, Constant Current Mode
●
760
800
840
mA
Standby Mode, Charge Terminated
●
±1
±2
µA
Shutdown Mode
●
±1
±2
µA
VPROG
PROG Pin Voltage
RPROG = 10k, Constant Current Mode
0.97
1
1.03
V
RPROG = 1.25k, Constant Current Mode
0.97
1
1.03
V
V⎯A⎯C⎯P⎯R
⎯A⎯C⎯P⎯R Output Low Voltage
I⎯A⎯C⎯P⎯R = 5mA
0.1
0.25
V
V⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
0.1
0.25
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
6
10
14
mA
VBAT < VTRIKL, RPROG = 1.25k
60
80
100
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3
V
Hysteresis
100
mV
VUV
VCC Undervoltage Lockout Voltage
From Low to High
3.7
3.8
3.9
V
Hysteresis
200
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High, VBAT = 4.3V
145
190
230
mV
VCC from High to Low, VBAT = 4.3V
10
45
75
mV
R⎯E⎯N
⎯E⎯N Pin Pull-Down Resistor
●
2
3.4
5
MΩ
V⎯E⎯N
⎯E⎯N Input Threshold Voltage
⎯E⎯N Rising, 4.3V < VCC < 8V
0.4
0.7
1
V
Hysteresis
70
mV
VCT
Charge Termination Mode Threshold
VTIMER from High to Low
0.4
0.7
1
V
Voltage
Hysteresis
50
mV
TOP VIEW
10
9
6
7
8
11
4
5
3
2
1
VCC
PROG
IDET
EN
C/5
BAT
NTC
TIMER
ACPR
CHRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com