Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 4 Page - Linear Technology

  LT3021 Datasheet HTML 1Page - Linear Technology LT3021 Datasheet HTML 2Page - Linear Technology LT3021 Datasheet HTML 3Page - Linear Technology LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3021fa
OUTPUT CURRENT (mA)
0
250
225
200
150
175
125
100
75
50
25
0
3021 G01
200
100
300
400
500
TJ = 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
250
225
200
150
175
125
100
75
50
25
0
3021 G02
25
0
–25
50
75
125
100
IL = 1mA
IL = 100mA
IL = 250mA
IL = 500mA
IL = 50mA
IL = 10mA
VOUT = 1.2V
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TJ = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3021 regulators are tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3021 is 100% production tested at
TA = 25°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process controls.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at maximum input voltage. Limit the input voltage range
if operating at maximum output current.
Note 5: Typically the LT3021 supplies 500mA output current with a 1V
input supply. The guranteed minimum input voltage for 500mA output
current is 1.10V.
Note 6: The LT3021 is tested and specified for these conditions with an
external resistor divider (20k and 30.1k) setting VOUT to 0.5V. The external
resistor divider adds 10
µA of output load current. The line regulation and
load regulation specifications refer to the change in the 0.2V reference
voltage, not the 0.5V output voltage. Specifications for fixed output voltage
devices are referred to the output voltage.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout the
output voltage equals: (VIN – VDROPOUT).
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.4V and a
current source load. GND pin current will increase in dropout. See GND
pin current curves in the Typical Performance Characteristics section.
Note 9: Adjust pin bias current flows out of the ADJ pin.
Note 10: Shutdown pin current flows into the SHDN pin.
Note 11: Reverse output current is tested with IN grounded and OUT
forced to the rated output voltage. This current flows into the OUT pin and
out of the GND pin. For fixed voltage devices this includes the current in
the output resistor divider.
Note 12: The LT3021 is tested and specified for these conditions with an
external resistor divider (20k and 100k) setting VOUT to 1.2V. The external
resistor divider adds 10
µA of load current.
Note 13: Reverse current is higher for the case of (rated_output) < VOUT <
VIN, because the no-load recovery circuitry is active in this region and is
trying to restore the output voltage to its nominal value.
Note 14: Minimum input voltage is the minimum voltage required by the
control circuit to regulate the output voltage and supply the full 500mA
rated current. This specification is tested at VOUT = 0.5V. At higher output
voltages the minimum input voltage required for regulation will be equal to
the regulated output voltage VOUT plus the dropout voltage.
TYPICAL PERFOR A CE CHARACTERISTICS
Dropout Voltage
Dropout Voltage
Current Limit (Note 12)
VIN = 10V, VOUT = 0V
1.8
A
VIN = VOUT(NOMINAL) + 0.5V, ∆VOUT = –5%
●
550
mA
Input Reverse Leakage Current
VIN = –10V, VOUT = 0V
1
20
µA
Reverse Output Current
LT3021
VOUT = 1.2V, VIN = 0V
0.5
5
µA
(Notes 11, 13)
LT3021-1.2
VOUT = 1.2V, VIN = 0V
10
15
µA
LT3021-1.5
VOUT = 1.5V, VIN = 0V
10
15
µA
LT3021-1.8
VOUT = 1.8V, VIN = 0V
10
15
µA
TEMPERATURE (
°C)
–50
1.2
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
3021 G16
25
0
–25
50
75
125
100
IL = 500mA
Minimum Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com