Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 1 Page - Linear Technology

  LT3021 Datasheet HTML 1Page - Linear Technology LT3021 Datasheet HTML 2Page - Linear Technology LT3021 Datasheet HTML 3Page - Linear Technology LT3021 Datasheet HTML 4Page - Linear Technology LT3021 Datasheet HTML 5Page - Linear Technology LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3021fa
TEMPERATURE (
°C)
–50
1.1
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3021 TA02
25
0
–25
50
75
125
100
IL = 500mA
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
500mA, Low Voltage,
Very Low Dropout
Linear Regulator
■ VIN Range: 0.9V to 10V
■ Dropout Voltage: 160mV Typical
■
Output Current: 500mA
■ Adjustable Output (VREF = VOUT(MIN) = 200mV)
■ Fixed Output Voltages: 1.2V, 1.5V, 1.8V
■
Stable with Low ESR, Ceramic Output Capacitors
(3.3
µF Minimum)
■ 0.2% Load Regulation from 0mA to 500mA
■
Quiescent Current: 120
µA (Typ)
■ 3
µA Typical Quiescent Current in Shutdown
■ Current Limit Protection
■
Reverse-Battery Protection
■ No Reverse Current
■ Thermal Limiting with Hysteresis
■
16-Pin DFN (5mm
× 5mm) and 8-Lead
SO Packages
1.8V to 1.5V, 500mA VLDO Regulator
■ Low Current Regulators
■
Battery-Powered Systems
■ Cellular Phones
■ Pagers
■
Wireless Modems
The LT
®3021 is a very low dropout voltage (VLDOTM) linear
regulator that operates from input supplies down to 0.9V.
This device supplies 500mA of output current with a
typical dropout voltage of 160mV. The LT3021 is ideal for
low input voltage to low output voltage applications,
providing comparable electrical efficiency to that of a
switching regulator.
The LT3021 regulator optimizes stability and transient
response with low ESR, ceramic output capacitors as
small as 3.3
µF. Other LT3021 features include 0.05%
typical line regulation and 0.2% typical load regulation. In
shutdown, quiescent current typically drops to 3
µA.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting with hysteresis,
and reverse-current protection. The LT3021 is available as
an adjustable output device with an output range down to
the 200mV reference. Three fixed output voltages, 1.2V,
1.5V and 1.8V, are also available.
The LT3021 regulator is available in the low profile
(0.75mm) 16-pin (5mm
× 5mm) DFN package with ex-
posed pad and the 8-lead SO package.
IN
SHDN
SENSE
3.3
µF
3021 TA01
OUT
VIN
1.8V
GND
LT3021-1.5
VOUT
1.5V
500mA
3.3
µF
Minimum Input Voltage
, LTC and LT are registered trademarks of Linear Technology Corporation. VLDO is a
trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.


Similar Part No. - LT3021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3021 LINER-LT3021 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3021 LINER-LT3021 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3021 LINER-LT3021 Datasheet
433Kb / 16P
3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
More results

Similar Description - LT3021

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com