Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 3 Page - Linear Technology

  LTC6905 Datasheet HTML 1Page - Linear Technology LTC6905 Datasheet HTML 2Page - Linear Technology LTC6905 Datasheet HTML 3Page - Linear Technology LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC6905
3
6905fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
● denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C or as noted. V+ = 2.7V to 5.5V, RL= 15k, CL = 5pF, Pin 4 = V+ unless
otherwise noted. All voltages are with respect to GND.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Frequency accuracy is defined as the deviation from the fOSC
equation. Accuracy is tested with DIV = V+, N = 1 and other divide ratios
are guaranteed by design.
Note 3: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
Note 4: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 5: Output rise and fall times are measured between the 10% and
90% power supply levels.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Frequency
FREQUENCY (MHz)
0
10
12
14
200
6905 G01
8
÷4
÷4
÷1
÷1
6
0
2
50
100
150
4
18
16
5.5V
2.7V
÷2
÷2
RSET (kΩ)
10
0
0.20
0.40
22
6905 G02
–0.20
–0.40
12
14
16
18
20
24
–0.60
–0.80
0.60
SUPPLY VOLTAGE (V)
2.5
–0.40
–0.20
0.20
0.40
0.60
4.5
1.40
6905 G03
0
3.5
3
5
4
5.5
0.80
1.00
1.20
Frequency Error vs RSET
Frequency Error vs Supply Voltage
VIL
Low Level DIV Input Voltage
●
0.2
V
IDIV
DIV Input Current (Note 4)
Pin 4 = V+
V+ = 5.5V
●
15
40
µA
Pin 4 = 0V
V+ = 5.5V
●
–40
– 11
µA
VOH
High Level Output Voltage (Note 4)
V+ = 5.5V
IOH = – 1mA
●
5.25
5.45
V
IOH = – 4mA
●
5.20
5.30
V
V+ = 2.7V
IOH = – 1mA
●
2.5
2.6
V
IOH = – 4mA
●
2.4
2.4
V
VOL
Low Level Output Voltage (Note 4)
V+ = 5.5V
IOL = 1mA
●
0.05
0.25
V
IOL = 4mA
●
0.2
0.3
V
V+ = 2.7V
IOL = 1mA
●
0.1
0.3
V
IOL = 4mA
●
0.4
0.5
V
tr, tf
OUT Rise/Fall Time (Note 5)
0.5
ns
VSET
Voltage at RSET Pin
V+ = 5.5V
●
4.27
4.5
4.73
V
V+ = 2.7V
●
1.61
1.7
1.79
V
Note 6: A heat sink may be required to keep the junction temperature
below the absolute maximum when the output is shorted indefinitely.
Note 7: The LTC6905C is guaranteed functional over the operating
temperature range.
Note 8: The LTC6905 is guaranteed to meet specified performance from
0°C to 70°C. The LTC6905C-XXX is designed, characterized and expected
to meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6905I-XXX is guaranteed to meet
specified performance from –40°C to 85°C.
Note 9: The LTC6905 is optimized for the performance with a 3V power
supply voltage. Please consult LTC Marketing for parts optimized for 5V
operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com