Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6905 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6905
Description  17MHz to 170MHz Resistor Set SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905 Datasheet(HTML) 4 Page - Linear Technology

  LTC6905 Datasheet HTML 1Page - Linear Technology LTC6905 Datasheet HTML 2Page - Linear Technology LTC6905 Datasheet HTML 3Page - Linear Technology LTC6905 Datasheet HTML 4Page - Linear Technology LTC6905 Datasheet HTML 5Page - Linear Technology LTC6905 Datasheet HTML 6Page - Linear Technology LTC6905 Datasheet HTML 7Page - Linear Technology LTC6905 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC6905
4
6905fa
LTC6905 Output Operating at
17.5MHz, VS = 3V
LTC6905 Output Operating at
170MHz, VS = 3V
ROUT vs V+
Jitter vs Frequency
SUPPLY VOLTAGE (V)
2.5
0
5
15
20
25
4.5
45
6905 G04
10
3.5
3
5
4
5.5
30
35
40
FREQUENCY (MHz)
0
0
0.20
0.60
÷4
÷2
÷1
0.80
1.00
40
80 100
180
6905 G05
0.40
20
60
120 140 160
1.20
12.5ns/DIV
6905 G06
1ns/DIV
6905 G07
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
0
40
60
6905 G08
–0.6
0.6
0.8
0.2
–20
20
80
100 120
Frequency vs Temperature
PI FU CTIO S
V+ (Pin 1): Voltage Supply (2.7V ≤ V+ ≤ 5.5V). This supply
must be kept free from noise and ripple. It should be
bypassed directly to the GND (Pin 2) with a 0.1µF capacitor
or higher.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
SET (Pin 3): Frequency-Setting Resistor Input. The value
of the resistor connected between this pin and V+ deter-
mines the oscillator frequency. The voltage on this pin is
held by the LTC6905 to approximately 1V below the V+
voltage. For best performance, use a precision metal film
resistor with a value between 10k and 25k and limit the
capacitance on this pin to less than 10pF.
DIV (Pin 4): Divider-Setting Input. This three-state input
selects among three divider settings, determining the value
of N in the frequency equation. Pin 4 should be tied to V+
for the ÷1 setting, the highest frequency range. Floating Pin
4 divides the master oscillator by 2. Pin 4 should be tied to
GND for the÷4setting,thelowestfrequencyrange.Todetect
a floating DIV pin, the LTC6905 attempts to pull the pin
toward midsupply. This is realized with two internal current
sources, one tied to V+ and Pin 4 and the other one tied to
ground and Pin 4. Therefore, driving the DIV pin high re-
quires sourcing approximately 15µA. Likewise, driving DIV
low requires sinking 15µA. When Pin 4 is floated, it should
be bypassed by a 1nF capacitor to ground or it should be
surrounded by a ground shield to prevent excessive cou-
pling from other PCB traces.
OUT (Pin 5): Oscillator Output. This pin can drive 5kΩ
and/or 5pF loads. For larger loads, refer to the Applications
Information section.
1V/DIV
1V/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com