Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD1102 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMD1102
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1102 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMD1102 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SMD1102 / 1103 / 1113
2033 8.1 10/04/01
SUMMIT MICROELECTRONICS, Inc.
PIN CONFIGURATION
The SMD1102, SMD1103 and SMD1113 each contain a
10-Bit data acquisition system (DAS) with dedicated EE-
PROM alarm limit storage. The three devices communi-
cate with the host µP via a standard two-wire I2C serial
interface. After initialization the SMD1102/1103/1113 can
INTRODUCTION
PIN NAMES
automatically monitor one or more analog input channels.
If any input signal moves beyond its user-programmed
limits the host is notified by the SMBALERT# output, enabling
fault prediction in telecom line card applications, as an
example.
1102
AIN0, AIN1
Analog channel inputs
GND
Power supply return
REFIN
Reference input
SCL
Serial Clock
SDA
Serial Data
SMBALERT#
Interrupt output
VDD
Power Supply
1103
AIN0, AIN1, AIN2
Analog channel inputs
GND
Power supply return
SCL
Serial Clock
SDA
Serial Data
SMBALERT#
Interrupt output
VDD
Power Supply
1113
CE#
Chip Enable
A2, A1, A0
I2C Address select inputs
AIN0, AIN1, AIN2
Analog channel inputs
GND
Power supply return
REFIN
Reference input
SCL
Serial Clock
SDA
Serial Data
SMBALERT#
Interrupt output
VDD
Power Supply
A0
A1
A2
AIN2
AIN1
AIN0
GND
VDD
CE#
REFIN
NC
SMBALERT#
SCL
SDA
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2033 14 PCon
14-Pin SOIC
SMD1113
2033 8 PCon-2
REFIN
AIN1
AIN0
GND
VDD
SMBALERT#
SCL
SDA
1
2
3
4
8
7
6
5
8-Pin SOIC
SMD1102
AIN2
AIN1
AIN0
GND
VDD
SMBALERT#
SCL
SDA
1
2
3
4
8
7
6
5
8-Pin SOIC
SMD1103
2033 8 PCon-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com