Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD1102 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMD1102
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1102 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMD1102 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SMD1102 / 1103 / 1113
2033 8.1 10/04/01
SUMMIT MICROELECTRONICS, Inc.
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock data into and out of the
device. In the WRITE mode data must remain stable while
SCL is HIGH. In the READ mode data is clocked out on
the falling edge of SCL.
Serial Data (SDA)
The SDA pin is a bidirectional pin used to transfer data into
and out of the device. Data may change only when SCL
is LOW, except during START and STOP conditions. It is
an open-drain output and may be wire-ORed with any
number of open-drain or open-collector outputs.
SMBALERT#
This interrupt output pin signals the host when an out-of-
limit condition is detected by one of the EEPROM limit
registers. The SMBALERT open-drain output is active low.
REFIN
Voltage reference input for 10-Bit A/D converter. This
signal is only on the SMD1102 and SMD1113.
AIN0, AIN1, AIN2
Multiplexer input pins for channels 0, 1, and 2, respec-
tively.
AIN2 is only available on the SMD1103 and
SMD1113. These pins may be left unconnected if they are
not used.
However, the Alert Regions must be set
accordingly (see the section "Alert Conditions").
A0, A1, A2
The address inputs are only available on the SMD1113.
Multiple SMD1113s can be used on a single bus by setting
different device addresses.
A2 has a 50k
Ω pull-up
resistor, and A1 and A0 have 50k
Ω pull-down resistors.
Do not set the address to all zeroes because it would
cause a conflict with the SMB Alert Response.
CE#
Chip Enable/disable input must be held low to enable I2C
communications. It has a 50k
Ω pull-down resistor and is
only available on the SMD1113.
VDD
Power supply input.
GND
Power supply return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com