Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9380A
Description  Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380A Datasheet(HTML) 4 Page - STMicroelectronics

  STV9380A Datasheet HTML 1Page - STMicroelectronics STV9380A Datasheet HTML 2Page - STMicroelectronics STV9380A Datasheet HTML 3Page - STMicroelectronics STV9380A Datasheet HTML 4Page - STMicroelectronics STV9380A Datasheet HTML 5Page - STMicroelectronics STV9380A Datasheet HTML 6Page - STMicroelectronics STV9380A Datasheet HTML 7Page - STMicroelectronics STV9380A Datasheet HTML 8Page - STMicroelectronics STV9380A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings
STV9380A
4/10
3
Absolute Maximum Ratings
Note 1. During the flyback with VCC = ±18 V, the maximum output voltage (pin 4) is close to 72 V, with
respect to -VCC (pins 1, 2, 3, 18, 19 and 20).
4
Thermal Data
Pins 1, 2, 3, 18, 19 and 20 are internally connected together and participate in heat evacuation.
Figure 2: Thermal Resistance with “On-board” Square Heatsink vs. Copper Area
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
±20
V
TSTG, TJ
Storage and Junction Temperature
-40 to +150
°C
TOP
Operating Temperature Range
-20 to +70
°C
VESD
ESD Susceptibility - Human Body Model (100 pF discharge through 1.5 k
Ω)
±2
kV
IOUT
Output current
±1.6
A
VOUT
Maximum output voltage (pin 4) with respect to -Vcc
(pins 1, 2, 3, 18, 19 and 20) and during flyback (see Note 1)
80
V
Symbol
Parameter
Value
Unit
RthJA
Junction-to-Ambient Thermal Resistance
70
°C/W
048
12
Area (cm²)
40
50
60
70
RthJA
(°C/W)
Copper Area 35 µm
Thickness
PC Board



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com