Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9380A
Description  Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380A Datasheet(HTML) 5 Page - STMicroelectronics

  STV9380A Datasheet HTML 1Page - STMicroelectronics STV9380A Datasheet HTML 2Page - STMicroelectronics STV9380A Datasheet HTML 3Page - STMicroelectronics STV9380A Datasheet HTML 4Page - STMicroelectronics STV9380A Datasheet HTML 5Page - STMicroelectronics STV9380A Datasheet HTML 6Page - STMicroelectronics STV9380A Datasheet HTML 7Page - STMicroelectronics STV9380A Datasheet HTML 8Page - STMicroelectronics STV9380A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STV9380A
Electrical Characteristics
5
Electrical Characteristics
TAMB = 25° C, VCC = ±12 V and fVERT = 50 Hz unless otherwise specified (refer to Figure 1)
Note 1. Input voltage = 0, measured after the filter (e.g. across the 470 nF filter capacitor)
2. Supply rejection of the positive or negative power supply. VCC ripple =1 VPP , f =100 Hz, measured
on the sense resistor.
3. Power dissipated in the circuit in the case of the application from Figure 1 and the current in the
deflection yoke adjusted to 2.5 APP. The corresponding power dissipated in the vertical deflection
yoke is 2.8 W.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
+VCC
Positive Supply Range
+10
+18
V
-VCC
Negative Supply Range
-18
-10
V
∆V
CC
Maximum recommended difference
between +VCC and |-VCC|
±4
V
VCCSTART
Low VCC Detection
±6.5
V
IQ
Quiescent Supply Current
Input Voltage = 0
14
mA
IY
Maximum Vertical Yoke Current
±1.25
A
I13, I12
Amplifier Input Bias Current
-0.1
µA
VOS
Output Offset Voltage
Note 1
-50
+50
mV
SVR
Supply Voltage Rejection
Note 2
82
dB
FlyTHR
Flyback Detection Threshold
(Positive Slope)
V(14)
1.5
V
FlyTHF
Flyback Detection Threshold
(Negative Slope)
V(14)
0.5
V
PD
Integrated Circuit
Dissipated Power
Note 3
1.1
W
fSW
Switching Frequency
RFREQ = 10 kΩ
120
140
160
kHz
fSW-OP
Switching Frequency Operative Range
100
200
kHz
RFREQ
Frequency Controller Resistor Range
Pin 10
7
10
14
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com