Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBH2N250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXBH2N250
Description  Monolithic Bipolar MOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH2N250 Datasheet(HTML) 1 Page - IXYS Corporation

  IXBH2N250 Datasheet HTML 1Page - IXYS Corporation IXBH2N250 Datasheet HTML 2Page - IXYS Corporation IXBH2N250 Datasheet HTML 3Page - IXYS Corporation IXBH2N250 Datasheet HTML 4Page - IXYS Corporation IXBH2N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
2500
V
V
CGR
T
J = 25°C to 150°C, RGE = 1M
2500
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
5
A
I
C110
T
C = 110°C
2
A
I
CM
T
C = 25°C, 1ms
13
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 47
I
CM = 6
A
(RBSOA)
Clamped Inductive Load
V
CE  2000
V
P
C
T
C = 25°C
32
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-247
6
g
TO-268
4
g
DS100160A(8/17)
IXBH2N250
IXBT2N250
G = Gate
C
= Collector
E = Emitter
Tab = Collector
V
CES
= 2500V
I
C110
= 2A
V
CE(sat)
 3.80V
High Voltage, High Gain
BIMOSFETTM
Monolithic Bipolar MOS
Transistor
Features
High Blocking Voltage
Integrated Anti-parallel Diode
International Standard Packages
Low Conduction Losses
Advantages
Low Gate Drive Requirement
High Power Density
Applications
Switched-Mode and Resonant-Mode
Power Supplies
Uninterruptible Power Supplies (UPS)
Laser Generator
Capacitor Discharge Circuit
AC Switches
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
CE = VGE
2500
V
V
GE(th)
I
C
= 250μA, V
CE = VGE
3.0
5.5
V
I
CES
V
CE = 0.8 • VCES, VGE = 0V
10
A
T
J = 125C
100
μA
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 2A, V
GE = 15V, Note 1
3.15
3.80
V
T
J = 125C
4.08
V
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXBH)
G
E
C (Tab)
C
TO-268 (IXBT)
E
G
C (Tab)
Preliminary Technical Information


Similar Part No. - IXBH2N250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH20N140 IXYS-IXBH20N140 Datasheet
61Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH20N160 IXYS-IXBH20N160 Datasheet
61Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH20N300 IXYS-IXBH20N300 Datasheet
180Kb / 5P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH20N360HV IXYS-IXBH20N360HV Datasheet
286Kb / 6P
High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH22N300HV IXYS-IXBH22N300HV Datasheet
259Kb / 6P
High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBH2N250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH15N140 IXYS-IXBH15N140 Datasheet
63Kb / 4P
High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBN75N170A IXYS-IXBN75N170A Datasheet
91Kb / 2P
BIMOSFET Monolithic Bipolar MOS Transistor
IXBH42N170A IXYS-IXBH42N170A Datasheet
119Kb / 2P
BIMOSFET Monolithic Bipolar MOS Transistor
IXBX75N170 IXYS-IXBX75N170 Datasheet
185Kb / 5P
BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBX75N170A IXYS-IXBX75N170A Datasheet
199Kb / 6P
BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBP5N160G IXYS-IXBP5N160G Datasheet
45Kb / 2P
Monolithic Bipolar MOS Transistor
IXBF9N160G IXYS-IXBF9N160G Datasheet
88Kb / 4P
Monolithic Bipolar MOS Transistor
IXBK64N250 IXYS-IXBK64N250 Datasheet
198Kb / 6P
Monolithic Bipolar MOS Transistor
IXBK75N170 IXYS-IXBK75N170 Datasheet
185Kb / 5P
BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBN75N170 IXYS-IXBN75N170 Datasheet
180Kb / 5P
BiMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com