Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBH2N250 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBH2N250
Description  Monolithic Bipolar MOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH2N250 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBH2N250 Datasheet HTML 1Page - IXYS Corporation IXBH2N250 Datasheet HTML 2Page - IXYS Corporation IXBH2N250 Datasheet HTML 3Page - IXYS Corporation IXBH2N250 Datasheet HTML 4Page - IXYS Corporation IXBH2N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBH2N250
IXBT2N250
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fS
I
C = 2A, VCE = 10V, Note 1
0.85
1.40
S
C
ies
145
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
8.7
pF
C
res
3.2
pF
Q
g
10.6
nC
Q
ge
I
C = 2A, VGE = 15V, VCE = 1kV
0.8
nC
Q
gc
6.2
nC
t
d(on)
30
ns
t
r
180
ns
t
d(off)
70
ns
t
f
182
ns
t
d(on)
30
ns
t
r
280
ns
t
d(off)
74
ns
t
f
178
ns
R
thJC
3.90
°C/W
R
thCS
0.21
°C/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching times, T
J = 125°C
I
C = 2A, VGE = 15V
V
CE = 2kV, RG = 47
Resistive Switching times, T
J = 25°C
I
C = 2A, VGE = 15V
V
CE = 2kV, RG = 47
Reverse Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 2A, VGE = 0V, Note 1
2.4
V
t
rr
0.92
μs
I
RM
9.80
A
Q
RM
4.50
μC
I
F = 2A, VGE = 0V, -diF/dt = 100A/μs
V
R = 100V, VGE = 0V
Note 1. Pulse test, t
300μs, duty cycle, d 2%.
TO-247 Outline
TO-268 Outline
Pins: 1 - Gate
2,4 - Collector
3 - Emitter
Pins: 1 - Gate
2,4 - Collector
3 - Emitter
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com