Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736125I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # XUJ736125I
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUJ736125I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button XUJ736125I Datasheet HTML 2Page - Integrated Device Technology XUJ736125I Datasheet HTML 3Page - Integrated Device Technology XUJ736125I Datasheet HTML 4Page - Integrated Device Technology XUJ736125I Datasheet HTML 5Page - Integrated Device Technology XUJ736125I Datasheet HTML 6Page - Integrated Device Technology XUJ736125I Datasheet HTML 7Page - Integrated Device Technology XUJ736125I Datasheet HTML 8Page - Integrated Device Technology XUJ736125I Datasheet HTML 9Page - Integrated Device Technology XUJ736125I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
AC Ele c t ric a l Cha ra c t e rist ic s
T a ble 1 3 . 3 .3 V AC Ele c t ric a l Cha ra c t e rist ic s
VDD = 3.3V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
F
Output Frequency Range
LVDS.
0.016
1500
MHz
LVPECL, HCSL.
0.016
670
LVCMOS.
0.016
167
Frequency Stability
Temperature = -20°C to +70°C.
±20
±100
ppm
Temperature = -40°C to +85°C.
±25
±100
ppm
Temperature = -40°C to +105°C.
±50
±100
ppm
Aging (1st year)
TA = 25°C.
±3
Aging (10 years)
TA = 25°C.
±10
Output Load
LVDS.
Differential.
100
Ω
LVPECL.
VDD - 2.0V.
50
HCSL.
To GND.
50
LVCMOS.
To GND.
15
pF
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
10
ms
tR
Output Rise Time
LVDS.
20% to 80% Vpk-pk.
275
380
ps
LVPECL.
400
HCSL.
330
LVCMOS.
10% to 90% VDD.
3ns
tF
Output Fall Time
LVDS.
80% to 20% Vpk-pk.
275
380
ps
LVPECL.
400
HCSL.
330
LVCMOS.
90% to 10% VDD.
3ns
ODC
Output Clock Duty Cycle
LVDS.
45
55
%
LVPECL.
FOUT < 312.5MHz.
45
55
FOUT > 312.5MHz.
40
60
HCSL.
45
55
LVCMOS.
FOUT < 62.5MHz.
45
55
FOUT > 62.5MHz.
40
60
TOE
Output Enable/ Disable Time
100
ns
fJITTER
Phase Jitter
(12kHz–20MHz)
LVDS.
300
400
fsec
LVPECL.
300
400
HCSL.
300
400
LVCMOS.
FOUT = 100MHz.
300
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com