Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736125I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # XUJ736125I
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUJ736125I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button XUJ736125I Datasheet HTML 9Page - Integrated Device Technology XUJ736125I Datasheet HTML 10Page - Integrated Device Technology XUJ736125I Datasheet HTML 11Page - Integrated Device Technology XUJ736125I Datasheet HTML 12Page - Integrated Device Technology XUJ736125I Datasheet HTML 13Page - Integrated Device Technology XUJ736125I Datasheet HTML 14Page - Integrated Device Technology XUJ736125I Datasheet HTML 15Page - Integrated Device Technology XUJ736125I Datasheet HTML 16Page - Integrated Device Technology XUJ736125I Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
XU Datasheet
13
©2018 Integrated Device Technology, Inc.
June 25, 2018
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT’s sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be rea-
sonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the property
of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. Integrated Device Technology, Inc. All rights reserved.
T e c h Support
www.IDT.com/go/support
Sa le s
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Corpora t e H e a dqua rt e rs
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
www.IDT.com
Re vision H ist ory
Revision Date
Description of Change
June 25, 2018
▪ Updated Package Outline Drawings section.
November 22, 2017
▪ Updated Theta JA and JB in Absolute Maximum Ratings table.
▪ Added MSL statement under Mechanical Testing table.
▪ Updated ordering information.
October 19, 2017
▪ Updated document title.
▪ Updated Features bullets.
▪ Updated Absolute Maximum Ratings and ESD Compliance tables.
▪ Added -40°C to +105°C rating to all electrical tables.
▪ Removed phase noise charts.
▪ Updated Ordering Information table.
May 12, 2017
▪ Reformatted embedded tables.
▪ Removed “Jitter Performance” tables and moved the “Phase Jitter (12kHz–20MHz)” parameter to its
respective AC Electrical Characteristics table.
▪ Updated all Output Waveform drawings.
December 1, 2016
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com