Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US112S Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US112S
Description  Suitable to fit all modes of control Found in applications such as Overvoltage crowbar protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US112S Datasheet(HTML) 4 Page - Unisonic Technologies

  US112S Datasheet HTML 1Page - Unisonic Technologies US112S Datasheet HTML 2Page - Unisonic Technologies US112S Datasheet HTML 3Page - Unisonic Technologies US112S Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTC US112S/N
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R301-013,B
Fig.6: Relative variation of dV/dt immunity vs gate-
cathode resistance(typical values) (US112S)
0.1
10.0
1.0
0.2
0.0
dV/dt(Rgk)/dV/dt(Rgk=220Ω)
1.0
0.8
0.6
0.4
1.2
Tj=125℃
VD=0.67* VDRM
Rgk(Ω)
Fig.7: Relative variation of dV/dt immunity vs gate-
cathode capacitance(typical values) (US112S)
0.0
4.0
2.0
25
0
dV/dt(Cgk)/dV/dt(Rgk=220Ω)
125
100
75
50
150
VD=0.67* VDRM
Tj=125℃
Rgk=220Ω
Cgk(nF)
0.5
1.0
1.5
2.5
3.0
3.5
Fig.8: Surge peak on-state current vs number of cycles
0.1
10.0
1.0
0.2
0.0
dV/dt(Rgk)/dV/dt(Rgk=220Ω)
1.0
0.8
0.6
0.4
1.2
Tj=125℃
VD=0.67* VDRM
Rgk(Ω)
Fig.9:Non-repetitive surge peak on-state current for a
sinusoidal pulse with width tp<10ms, and corresponding
values of I t.
2
10
100
0.10
1.00
10.00
0.01
ITSM(A),I t(A s)
tp(ms)
2
2
1000
dI/dt
limitation
ITSM
Tjinitial=25℃
US112N
US112S
US112N
US112S
2000
Fig.10: On-state characteristics(maximum values).
Figure.5:Relative variation of holding current vs
gate-cathode resistance(typical values)
(US112S)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
IH(Rgk)/IH(Rgk=1kΩ)
1E-2
1E-1
1E+0
Rgk(kΩ)
0.5
0.0
Ta=25℃
1E+1
I t
2
1
10
200
0.5
1.0
1.5
0.0
ITSM
100
4.5
4.0
3.5
3.0
2.5
2.0
5.0
VTM(V)
Tj=max:
Vto=0.85V
Rd=30mΩ
Tj=25℃
Tj=Tjmax.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com