Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US112S Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US112S
Description  Suitable to fit all modes of control Found in applications such as Overvoltage crowbar protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US112S Datasheet(HTML) 1 Page - Unisonic Technologies

  US112S Datasheet HTML 1Page - Unisonic Technologies US112S Datasheet HTML 2Page - Unisonic Technologies US112S Datasheet HTML 3Page - Unisonic Technologies US112S Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC US112S/N
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R301-013,B
SCRs
DESCRIPTION
The UTC US112S/N is suitable to fit all modes of
control found in applications such as overvoltage
crowbar protection, motor control circuits in power
tools and kitchen aids, in-rush current limiting circuits,
capacitive discharge ignition, voltage regulation
circuits.
TO-220
1
1: CATHODE
2: ANODE
3: GATE
ABSOLUTE MAXIMUM RATINGS
RATING
PARAMETER
SYMBOL
US112S
US112N
UNIT
Repetitive peak off-state voltages
US112S/N-4
US112S/N-6
US112S/N-8
VDRM
VRRM
400
600
800
V
RMS on-state current (180° conduction angle) (Tc = 105°C)
IT(RMS)
12
A
Average on-state current (180° conduction angle) (Tc = 105°C)
IT(AV)
8
A
Non repetitive surge peak on-state current (Tj = 25°C)
tp=8.3ms
tp=10ms
ITSM
146
140
A
I²t Value for fusing (tp = 10 ms, Tj = 25°C)
I²t
98
A²S
Critical rate of rise of on-state current
(IG = 2 x IGT , tr ≤ 100 n s, F = 60 Hz , Tj = 125°C,)
dI/dt
50
A/µs
Peak gate current (tp=20µs, Tj = 125°C)
IGM
4
A
Maximum peak reverse gate voltage
VRGM
5
V
Average gate power dissipation (Tj = 125°C)
PG(AV)
1
W
Storage junction temperature range
Tstg
-40 ~ +150
°C
Operating junction temperature range
Tj
-40 ~ +125
°C


Similar Part No. - US112S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US112S UTC-US112S Datasheet
147Kb / 3P
SCRS
US112SG-4-TA3-T UTC-US112SG-4-TA3-T Datasheet
147Kb / 3P
SCRS
US112SG-6-TA3-T UTC-US112SG-6-TA3-T Datasheet
147Kb / 3P
SCRS
US112SG-8-TA3-T UTC-US112SG-8-TA3-T Datasheet
147Kb / 3P
SCRS
US112SL-4-TA3-T UTC-US112SL-4-TA3-T Datasheet
147Kb / 3P
SCRS
More results

Similar Description - US112S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M Datasheet
72Kb / 7P
Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
NEC
UPC3423 NEC-UPC3423 Datasheet
666Kb / 6P
OVERVOLTAGE CROWBAR SENSING CIRCUIT
logo
ON Semiconductor
MC3423 ONSEMI-MC3423_05 Datasheet
86Kb / 10P
Overvoltage Crowbar Sensing Circuit
March, 2005 ??Rev. 5
logo
Littelfuse
SP2502L LITTELFUSE-SP2502L Datasheet
835Kb / 5P
The SP2502L provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
SP4040 LITTELFUSE-SP4040 Datasheet
1Mb / 5P
The SP4040 provides overvoltage protection for applications such as 10/100/1000 Base-T Ethernet and T3/E3 interfaces.
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015_15 Datasheet
206Kb / 1P
Excellent Linearity in all modes
logo
STMicroelectronics
AN2929 STMICROELECTRONICS-AN2929 Datasheet
1Mb / 32P
In consumer applications such as LCD or plasma TVs
06-Apr-2011
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
In certain applications such as LCD or plasma TVs
13-Jan-2011
AN4007 STMICROELECTRONICS-AN4007 Datasheet
1Mb / 33P
In several applications, such as LCD or plasma TVs
12-Dec-2012
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com