Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLD1117 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UTCLD1117
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLD1117 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UTCLD1117 Datasheet HTML 4Page - Unisonic Technologies UTCLD1117 Datasheet HTML 5Page - Unisonic Technologies UTCLD1117 Datasheet HTML 6Page - Unisonic Technologies UTCLD1117 Datasheet HTML 7Page - Unisonic Technologies UTCLD1117 Datasheet HTML 8Page - Unisonic Technologies UTCLD1117 Datasheet HTML 9Page - Unisonic Technologies UTCLD1117 Datasheet HTML 10Page - Unisonic Technologies UTCLD1117 Datasheet HTML 11Page - Unisonic Technologies UTCLD1117 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UTCLD1117/A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
11
QW-R102-006,H
LD1117/A ADJUSTABLE APPLICATION NOTE
The LD1117/A ADJUSTABLE has a thermal stabilized 1.25
±0.012V reference voltage between the OUT and ADJ
pins. IADJ is 60µA typ. (120µA max.) and ∆IADJ is 1µA typ. (5µA max.).
R1 is normally fixed to 120
Ω. From figure 7 we obtain:
VOUT=VREF+R2(IADJ + IR1)=VREF + R2(IADJ + VREF / R1)=VREF(1+R2/R1) + R2 x IADJ.
In normal application R2 value is in the range of few Kohm,, so the R2 X IADJ product could not be considered in the
VOUT calculation; then the above expression becomes: VOUT=VREF(1+R2/R1)
In order to have the better load regulation it is important to realize a good Kelvin connection of R1 and R2 resistors.
In particular R1 connection must be realized very close to OUT and ADJ pin, while R2 ground connection must be
placed as near as possible to the negative Load pin. Ripple rejection can be improved by introducing a 10
µF
electrolytic capacitor placed in parallel to the R2 resistor (See Fig. 8)
FIG.7 Adjustable Output Voltage Application Circuit
FIG.8 Adjustable Output Voltage Application with improved Ripple Rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com