Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLD1117 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UTCLD1117
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLD1117 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UTCLD1117 Datasheet HTML 4Page - Unisonic Technologies UTCLD1117 Datasheet HTML 5Page - Unisonic Technologies UTCLD1117 Datasheet HTML 6Page - Unisonic Technologies UTCLD1117 Datasheet HTML 7Page - Unisonic Technologies UTCLD1117 Datasheet HTML 8Page - Unisonic Technologies UTCLD1117 Datasheet HTML 9Page - Unisonic Technologies UTCLD1117 Datasheet HTML 10Page - Unisonic Technologies UTCLD1117 Datasheet HTML 11Page - Unisonic Technologies UTCLD1117 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
UTCLD1117/A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
12
QW-R102-006,H
TYPICAL CHARACTERISTICS
Fig.1 Reference Voltge vs.
Temperature
Fig.2 Output Voltage vs.
Temperautre
-75
Junction Temperature(°C)
Junction Temperature(°C)
-75
3.20
Fig.3 Maximum Power Dissipation
25
65
105
4
6
8
10
Case Temperature(°C)
TO-263 & TO-252
SOT-223
2
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
-50 -25
0
25
50
75 100 125 150 175
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
-50 -25
0
25
50 75
100 125 150 175
Vout=3.3V
Vout=3.6V
Note: LD1117 Only
VOUT SET WITH 1% RESISTORS
45
85
125
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com