Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB831W55Z. Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB831W55Z.
Description  Slotted Optical Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB831W55Z. Datasheet(HTML) 3 Page - TT Electronics.

  OPB831W55Z. Datasheet HTML 1Page - TT Electronics. OPB831W55Z. Datasheet HTML 2Page - TT Electronics. OPB831W55Z. Datasheet HTML 3Page - TT Electronics. OPB831W55Z. Datasheet HTML 4Page - TT Electronics. OPB831W55Z. Datasheet HTML 5Page - TT Electronics. OPB831W55Z. Datasheet HTML 6Page - TT Electronics. OPB831W55Z. Datasheet HTML 7Page - TT Electronics. OPB831W55Z. Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 3 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Part Number Guide — OPB8XX
OPB 8 X X L X X
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Discrete Shell Material:
Mounting configurations:
3 — Side mount IR transmissive
L — Solder lead termination
Plastic discrete shell
4 — Side mount opaque
Plastic discrete shell
Electrical Specification Variations:
0 = Electrical Parameter A - (0.320” lead spacing)
1 = Electrical Parameter B - (0.320” lead spacing)
2 = Electrical Parameter C - (0.320” lead spacing)
5 = Electrical Parameter A - (0.220” lead spacing)
6 = Electrical Parameter B - (0.220” lead spacing)
7 = Electrical Parameter C - (0.220” lead spacing)
Notes:
• Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only.
Part Number Guide — OPB8XX
OPB 8 X X W X X Z
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Discrete Shell Material:
Mounting configurations:
3 — Side mount IR transmissive
W — Wire termination
Plastic discrete shell
• Parts ending with “Z” meet
4 — Side mount opaque
RoHS requirements
Plastic discrete shell
• Wires = 26 AWG—24” Long
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
Notes:
• Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com