Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB831W55Z. Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB831W55Z.
Description  Slotted Optical Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB831W55Z. Datasheet(HTML) 1 Page - TT Electronics.

  OPB831W55Z. Datasheet HTML 1Page - TT Electronics. OPB831W55Z. Datasheet HTML 2Page - TT Electronics. OPB831W55Z. Datasheet HTML 3Page - TT Electronics. OPB831W55Z. Datasheet HTML 4Page - TT Electronics. OPB831W55Z. Datasheet HTML 5Page - TT Electronics. OPB831W55Z. Datasheet HTML 6Page - TT Electronics. OPB831W55Z. Datasheet HTML 7Page - TT Electronics. OPB831W55Z. Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 1 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Features:
• 0.125” (3.18 mm) wide slot
• Choice of electrical output parameters
• Choice of aperture
• Choice of opaque or IR transmissive shell material
• Side mount configuration
• Choice of lead spacing (L Series)
• 24” [610 mm] 26 AWG wire leads (W Series)
Description:
OPB830 and OPB840 series provide the design engineer with the flexibility of a custom device from a standard
product line. The L Series offers a choice of PCBoard mount lead spacing, while the W Series offers
24” (610mm) 26AWG wire leads.
Building from a standard housing that utilizes a .375” (9.5 mm) wide slot, a user can specify the electrical output
parameters, choice of aperture, discrete shell material, side mount configuration, and a choice of lead spacing (for
the L Series) or 24” [610 mm] UL approved 26 AWG wire leads (W Series).
Housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity to
visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device throat)
are made of either IR transmissive plastic (for applications where aperture contamination may occur) or of opaque
plastic with aperture openings (for maximum protection against ambient light).
Switching of the phototransistor occurs whenever an opaque object passes through the slot and interrupts the
beam.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
Product Photo Here
L Package
W Package
RoHS
Applications:
• Non-contact interruptive object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety


Similar Part No. - OPB831W55Z.

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB831W OPTEK-OPB831W Datasheet
363Kb / 4P
Slotted Optical Switches
Jan-2005
logo
List of Unclassifed Man...
OPB831W ETC-OPB831W Datasheet
226Kb / 8P
Slotted Optical Switch OPB830 and OPB840 Series (L & W)
OPB831W ETC2-OPB831W Datasheet
226Kb / 8P
Slotted Optical Switch OPB830 and OPB840 Series (L & W)
logo
OPTEK Technologies
OPB831W OPTEK-OPB831W Datasheet
226Kb / 8P
Slotted Optical Switch
More results

Similar Description - OPB831W55Z.

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com