Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPIA804 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 2 Page - TT Electronics.

  OPIA804 Datasheet HTML 1Page - TT Electronics. OPIA804 Datasheet HTML 2Page - TT Electronics. OPIA804 Datasheet HTML 3Page - TT Electronics. OPIA804 Datasheet HTML 4Page - TT Electronics. OPIA804 Datasheet HTML 5Page - TT Electronics. OPIA804 Datasheet HTML 6Page - TT Electronics. OPIA804 Datasheet HTML 7Page - TT Electronics. OPIA804 Datasheet HTML 8Page - TT Electronics. OPIA804 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5 02/2010
Page 2 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Analog Output Devices Ordering Information
Part Number
Isolation Voltage
Max. (Vrms)
CTR
Min/Typ/Max
Typ. Tplh / Tphl (ns)
[RL = ohms]
Package
Configuration
OPIA800
2,500
300 / 1,600 / -
7 / 2 [ 2.2 K]
8 Pin DIP
A K—K A B C E (Dar)
OPIA801
2,500
500 / 1,600 / -
10 / 5 [ 4.7 K]
8 Pin DIP
A K—K A B C E (Dar)
OPIA802
2,500
15 / 43 / -
0.3 / 0.3 [ 1.9 K]
8 Pin DIP
A K—K A C E
OPIA803
2,500
5 / 43 / -
0.4 / 0.3 [ 4.1 K]
8 Pin DIP
A K—K A C E
Digital Output Devices Ordering Information
Part Number
Isolation Voltage
Max. (Vrms)
Typ. Tr / Tf (ns)
[RL = 350 ohms]
Typ. Tplh / Tphl (ns)
[RL = ohms]
Package
Configuration
OPID804
5,000
30 / 30
45 / 45 [ 350]
8 Pin DIP
A K—NAND
Configuration: Definition of Terms
LED Identification—Sensor Identification
LED
A = Anode
K = Cathode
10K Logic
10K Inverted Logic
NAND Gate
NAND Gate
K = Cathode
A = Anode
B = Base
C = Collector
E = Emitter
Packaging
Part Number Suffix:
D = DIP, TU = Ship in Tubes, TR = Ship on Tape and Reel Example: OPID606DTR
Sensor
Part Number
Pin #
1
2
3
4
5
6
7
8
OPIA800
A
K
E
C
C-B
K-C
OPIA801
A
K
E
C
C-B
K-C
OPIA802
A
K
E
C
A-B
K
OPIA803
A
K
E
C
A-B
K
OPID804
A
K
GND
Output
Enable
Vcc
Package Outline Dimensions and Schematics: Top-View
Symbol
Definition
A
Anode
B
Base
C
Collector
E
Emitter
K
Cathode
OPID804
OPIA802
OPIA803
OPIA800
OPIA801
DIMENSIONS ARE IN: INCHES [MILLIMETERS]
TOLERANCE: ± 0.008 INCHES
[± 0.2 MILLIMETERS]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com