Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPIA804 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 3 Page - TT Electronics.

  OPIA804 Datasheet HTML 1Page - TT Electronics. OPIA804 Datasheet HTML 2Page - TT Electronics. OPIA804 Datasheet HTML 3Page - TT Electronics. OPIA804 Datasheet HTML 4Page - TT Electronics. OPIA804 Datasheet HTML 5Page - TT Electronics. OPIA804 Datasheet HTML 6Page - TT Electronics. OPIA804 Datasheet HTML 7Page - TT Electronics. OPIA804 Datasheet HTML 8Page - TT Electronics. OPIA804 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
02/2010
Page 3 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
-55° C to +125° C
Operating Temperature
OPIA800
OPIA801
OPIA802
OPIA803
OPID804
-40° C to +115° C
0° C to +125 ° C
-55° C to +115° C
-55° C to +100° C
0° C to +85° C
Isolation voltage (1 minute)
OPID804
OPIA800, OPIA801, OPIA802, OPIA803
5,000 Vrms
2,500 Vrms
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
260° C
Input Diode
Continuous Forward Current
OPIA802, OPIA803, OPID804
OPIA800 OPIA801
25 mA
20 mA
Peak Forward current (1 µs pulse width, 300 pps)
OPIA800, OPIA801, OPIA802, OPIA803
OPID804
1 A
40 mA
Reverse Voltage
OPIA800, OPIA801, OPIA802, OPIA803, OPID804
5 V
Power Dissipation
OPIA802, OPIA803, OPID804
OPIA800, OPIA801
45 mW
35 mW
Absolute Maximum Ratings (TA = 0° C to 70° C unless otherwise specified)
Output IC
Vcc—Collector-Emitter Voltage
OPIA800
OPIA801
OPIA802, OPIA803
-0.5 V to +7 V
-0.5 V to +18 V
-0.5 V to +15 V
Collector Current
OPIA802, OPIA803
OPIA800, OPIA801
8 mA
60 mA
Power Dissipation
OPIA800, OPIA801, OPIA802, OPIA803
100 mW
Output NAND Gate—OPID804
Vcc—Supply voltage
7 V
Enable voltage
5.5 V
High Level Output voltage
7 V
Low Level Output current
50 mA
Output Collector Power Dissipation
85 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com