Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736125K Datasheet(PDF) 2 Page - Integrated Device Technology

Part # XUJ736125K
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUJ736125K Datasheet(HTML) 2 Page - Integrated Device Technology

  XUJ736125K Datasheet HTML 1Page - Integrated Device Technology XUJ736125K Datasheet HTML 2Page - Integrated Device Technology XUJ736125K Datasheet HTML 3Page - Integrated Device Technology XUJ736125K Datasheet HTML 4Page - Integrated Device Technology XUJ736125K Datasheet HTML 5Page - Integrated Device Technology XUJ736125K Datasheet HTML 6Page - Integrated Device Technology XUJ736125K Datasheet HTML 7Page - Integrated Device Technology XUJ736125K Datasheet HTML 8Page - Integrated Device Technology XUJ736125K Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
Absolut e M a x im um Ra t ings
Stresses above the ratings listed below can cause permanent damage to the device. These ratings, which are standard values for IDT
commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
T a ble 3 . Absolut e M a x im um Ra t ings
Item
Rating
ESD Com plia nc e
T a ble 4 . ESD Com plia nc e
M e c ha nic a l T e st ing
T a ble 5 . M e c ha nic a l T e st ing *
Parameter
Test Method
* MSL level does not apply.
Solde r Re flow Profile
tP
10 seconds Max within5°C of
260°C peak
Ramp down not to
exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds in
pre-heating area
50 ±10 seconds
above 225°C
reflow area
400 seconds Max from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C
VDD
-0.5 to +5.0V
E/D
-0.5V to VDD + 0.5V
OUT
-0.5V to VDD + 0.5V
Storage Temperature
-55°C to 125°C
Maximum Junction Temperature
125°C
Core Current
65mA maximum
Theta JA
JU6
75.9 °C/W
JS6
89.6 °C/W
Theta JB
48.6°C/W
54.3 °C/W
Human Body Model (HBM)
1000V
Mechanical Shock
Half-sine wave with 0.3ms 3000G. X, Y, Z each direction 1 time.
Mechanical Vibration
Frequency: 10 to 55MHz amplitude: 1.5mm.
Frequency: 55–2000Hz peak value: 20G.
Duration time: 4H for each X,Y,Z axis; total 12hours.
High Temp Operating Life (HTOL)
2000 hours at 125°C (under power).
Hermetic Seal
Gross leak (air leak test). Fine leak (Helium leak test) He-pressure: 6kgf/cm² 2 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com