Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736125K Datasheet(PDF) 4 Page - Integrated Device Technology

Part # XUJ736125K
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUJ736125K Datasheet(HTML) 4 Page - Integrated Device Technology

  XUJ736125K Datasheet HTML 1Page - Integrated Device Technology XUJ736125K Datasheet HTML 2Page - Integrated Device Technology XUJ736125K Datasheet HTML 3Page - Integrated Device Technology XUJ736125K Datasheet HTML 4Page - Integrated Device Technology XUJ736125K Datasheet HTML 5Page - Integrated Device Technology XUJ736125K Datasheet HTML 6Page - Integrated Device Technology XUJ736125K Datasheet HTML 7Page - Integrated Device Technology XUJ736125K Datasheet HTML 8Page - Integrated Device Technology XUJ736125K Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
T a ble 8 . 1 .8 V I DD DC Ele c t ric a l Cha ra c t e rist ic s
VDD = 3.3V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Units
IDD
Current Consumption
LVDS
0.016MHz to 400MHz.
65
mA
400.000+MHz to 1.0GHz.
72
LVPECL
0.016MHz to 250MHz.
75
250.000+MHz to 670MHz.
97
HCSL
0.016MHz to 400MHz.
68
400.000+MHz to 670MHz.
77
LVCMOS
0.016MHz to 125MHz.
58
T a ble 9 . LV DS DC Ele c t ric a l Cha ra c t e rist ic s
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
0.25
0.4
0.5
V
VOS
Output Offset Voltage
1
1.17
1.375
VIH
Enable/Disable Input High Voltage
70%VDD
VIL
Enable/Disable Input Low Voltage
30%VDD
T a ble 1 0 . LV PECL DC Ele c t ric a l Cha ra c t e rist ic s
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VDD = 3.3V ±5%.
1.85
2.3
V
VDD = 2.5V ±5%.
1.1
1.45
VDD = 1.8V ±5%.
0.5
0.8
VOL
Output Low Voltage
VDD = 3.3V ±5%.
1.1
1.65
VDD = 2.5V ±5%.
0.35
0.85
VDD = 1.8V ±5%.
0
0.25
VIH
Enable/Disable Input High Voltage
70%VDD
VIL
Enable/Disable Input Low Voltage
30%VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com