Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSLE17AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NCSLE17AT
Description  WHITE LED
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSLE17AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NCSLE17AT Datasheet HTML 9Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 10Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 11Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 12Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 13Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 14Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 15Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 16Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
NICHIA STS-DA1-3689L <Cat.No.180420>
12
OUTLINE DIMENSIONS
管理番号 No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品
RoHS指
適合し
ます
*
STS-DA7-10345B
NCSLE17A
(単位 Unit: mm, 公差 Tolerance: ±0.1)
K
A
目 Item
内容 Description
ッ ー 材質
Package Materials
ーン樹脂
Silicone Resin
ーン樹脂
散剤+蛍体入
Silicone Resin
(with diffuser and phosphor)
電極材質
Electrodes Materials
金メッキ
Au-plated
蛍体層材質
Phosphor sheet
Materials
質量
Weight
0.0020g(TYP)
1.7
0.2
Cathode
Anode
0.86
0.33
0.33
* 本色温度2700K~4500K 演色性 ン R9080 対応し います
The figure above show the characteristics for 2700K~4500K, R9080 LEDs of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com