Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSLE17AT Datasheet(PDF) 32 Page - NICHIA CORPORATION

Part # NCSLE17AT
Description  WHITE LED
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSLE17AT Datasheet(HTML) 32 Page - NICHIA CORPORATION

Back Button NCSLE17AT Datasheet HTML 28Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 29Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 30Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 31Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 32Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 33Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 34Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 35Page - NICHIA CORPORATION NCSLE17AT Datasheet HTML 36Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
NICHIA STS-DA1-3689L <Cat.No.180420>
31
CAUTIONS
(1) Storage
Conditions
Temperature
Humidity
Time
Storage
Before Opening Aluminum Bag
≤30°C
≤90%RH
Within 1 Year from Delivery Date
After Opening Aluminum Bag
≤30°C
≤70%RH
≤4weeks
● The storage/packaging requirements for this LED are comparable to JEDEC Moisture Sensitivity Level (MSL) 2a or equivalent.
Nichia used IPC/JEDEC STD-020 as a reference to rate the MSL of this LED.
● Ensure that soldering is completed within the storage times detailed above.
● This LED uses a package that could absorb moisture; if the package absorbs moisture and is exposed to heat during soldering, it
may cause the moisture to vaporize and the package to expand and the resulting pressure may cause internal delamination. This
may cause the optical characteristics to degrade. To minimize moisture absorption in storage/transit, moisture-proof aluminum
bags are used for the LEDs with a silica gel packet to absorb any air moisture in the bag. The silica gel beads turn blue to red as
they absorb moisture.
● Once the moisture-proof aluminum bag is open, ensure that the LED is soldered to a PCB within the range of the conditions above.
To store any remaining unused LEDs, use a hermetically sealed container with silica gel desiccants. Nichia recommends placing
them back to the original moisture-proof bag and reseal it.
● This LED has gold-plated electrodes. If the LEDs are exposed to a corrosive environment, it may cause the plated surface to
tarnish causing issues (i.e. solderability). Ensure that when storing LEDs, a hermetically sealed container is used. Nichia
recommends placing them back to the original moisture-proof bag and reseal it.
● To prevent substances/gases from affecting the plated surface, ensure that the parts/materials used with the LEDs in the same
assembly/system do not contain sulfur (e.g. gasket/seal, adhesive, etc.). If the plating is contaminated, it may cause issues (e.g.
electric connection failures). If a gasket/seal is used, silicone rubber gaskets/seals are recommended; ensure that this use of
silicone does not result in issues (e.g. electrical connection failures) caused by low molecular weight volatile siloxane.
● To avoid condensation, the LEDs must not be stored in areas where temperature and humidity fluctuate greatly.
● Do not store the LEDs in a dusty environment.
● Do not expose the LEDs to direct sunlight and/or an environment over a long period of time where the temperature is higher than
normal room temperature.
(2) Directions for Use
● The circuit must be designed to ensure that the Absolute Maximum Ratings are not exceeded for each LED. The LEDs should be
operated at a constant current per LED. In the case of operating at a constant voltage, Circuit B is recommended. If Circuit A is
used, it may cause the currents flowing through the LEDs to vary due to the variation in the forward voltage characteristics of the
LEDs on the circuit.
(A)
(B)
● This LED is designed to be operated at a forward current. Ensure that no voltage is applied to the LED in the forward/reverse
direction while the LED is off. If the LEDs are used in an environment where reverse voltages are applied to the LED continuously,
it may cause electrochemical migration to occur causing the LED to be damaged. When not in use for a long period of time, the
system’s power should be turned off to ensure that there are no issues/damage.
● To stabilize the LED characteristics while in use, Nichia recommends that the LEDs are operated at currents ≥ 10% of the sorting
current.
● If LEDs are arranged into rows and columns in a grid circuit (i.e. LED matrix circuit) and operated, ensure that when using a pulsed
mode to operate the LEDs in a matrix circuit, the reverse voltage for any of the LEDs does not exceed the Absolute Maximum
Rating while the LED is off.
● Ensure that transient excessive voltages (e.g. lighting surge) are not applied to the LEDs.
● If the LEDs are used for outdoor applications, ensure that necessary measures are taken (e.g. protecting the LEDs from water/salt
damage and high humidity).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com