Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD514 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDD514
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD514 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDD514 Datasheet HTML 1Page - IXYS Corporation IXDD514 Datasheet HTML 2Page - IXYS Corporation IXDD514 Datasheet HTML 3Page - IXYS Corporation IXDD514 Datasheet HTML 4Page - IXYS Corporation IXDD514 Datasheet HTML 5Page - IXYS Corporation IXDD514 Datasheet HTML 6Page - IXYS Corporation IXDD514 Datasheet HTML 7Page - IXYS Corporation IXDD514 Datasheet HTML 8Page - IXYS Corporation IXDD514 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Copyright © 2006 IXYS CORPORATION All rights reserved
IXDD514 / IXDE514
Figure 1 - IXDD514 14A Non-Inverting Gate Driver Functional Block Diagram
Figure 2 - IXDE514 Inverting 14A Gate Driver Functional Block Diagram
* United States Patent 6,917,227
*
N
P
OUT
Vcc
IN
ANTI-CROSS
CONDUCTION
CIRCUIT *
GND
GND
Vcc
EN
200 K
N
P
OUT
Vcc
IN
ANTI-CROSS
CONDUCTION
CIRCUIT *
GND
GND
Vcc
EN
200 K
*
PIN CONFIGURATIONS
NOTE: Solder tabs on bottoms of DFN packages are grounded
8 PIN DIP (PI)
8 PIN SOIC (SIA)
VCC
IN
EN
GND
VCC
OUT
OUT
1
2
3
4
8
7
6
5
I
X
D
E
5
1
4
GND
8 PIN DIP (PI)
8 PIN SOIC (SIA)
VCC
IN
EN
GND
VCC
OUT
OUT
1
2
3
4
8
7
6
5
I
X
D
D
5
1
4
GND
6 LEAD DFN (D1)
(Bottom View)
IN
EN
GND
VCC
GND
OUT
1
2
3
6
5
4
I
X
D
D
5
1
4
6 LEAD DFN (D1)
(Bottom View)
IN
EN
GND
VCC
GND
OUT
1
2
3
6
5
4
I
X
D
E
5
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com