Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD514 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD514
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD514 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD514 Datasheet HTML 1Page - IXYS Corporation IXDD514 Datasheet HTML 2Page - IXYS Corporation IXDD514 Datasheet HTML 3Page - IXYS Corporation IXDD514 Datasheet HTML 4Page - IXYS Corporation IXDD514 Datasheet HTML 5Page - IXYS Corporation IXDD514 Datasheet HTML 6Page - IXYS Corporation IXDD514 Datasheet HTML 7Page - IXYS Corporation IXDD514 Datasheet HTML 8Page - IXYS Corporation IXDD514 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
IXDD514 / IXDE514
Pin Description
CAUTION: Follow proper ESD procedures when handling and assembling this component.
* The following notes are meant to define the conditions for the θ
J-A, θJ-C and θJ-S values:
1) The
θ
J-A (typ) is defined as junction to ambient. The θJ-A of the standard single die 8-Lead PDIP and 8-Lead SOIC are dominated by the
resistance of the package, and the IXD_5XX are typical. The values for these packages are natural convection values with vertical boards
and the values would be lower with natural convection. For the 6-Lead DFN package, the
θ
J-A value supposes the DFN package is soldered
on a PCB. The
θ
J-A (typ) is 200 °C/W with no special provisions on the PCB, but because the center pad provides a low thermal resistance
to the die, it is easy to reduce the
θ
J-A by adding connected copper pads or traces on the PCB. These can reduce the θJ-A (typ) to 125 °C/W
easily, and potentially even lower. The
θ
J-A for DFN on PCB without heatsink or thermal management will vary significantly with size,
construction, layout, materials, etc. This typical range tells the user what he is likely to get if he does no thermal management.
2)
θ
J-C (max) is defined as juction to case, where case is the large pad on the back of the DFN package. The θJ-C values are generally not
published for the PDIP and SOIC packages. The
θ
J-C for the DFN packages are important to show the low thermal resistance from junction to
the die attach pad on the back of the DFN, -- and a guardband has been added to be safe.
3) The
θ
J-S (typ) is defined as junction to heatsink, where the DFN package is soldered to a thermal substrate that is mounted on a heatsink.
The value must be typical because there are a variety of thermal substrates. This value was calculated based on easily available IMS in the
U.S. or Europe, and not a premium Japanese IMS. A 4 mil dialectric with a thermal conductivity of 2.2W/mC was assumed. The result was
given as typical, and indicates what a user would expect on a typical IMS substrate, and shows the potential low thermal resistance for the
DFNpackage.
SYMBOL
FUNCTION
DESCRIPTION
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the
entire chip. The range for this voltage is from 4.5V to 30V.
IN
Input
Input signal-TTL or CMOS compatible.
EN
Enable
The system Enable pin. This pin, when driven low, disables the
chip, forcing a high impedance state to the output. EN pulled high
by a resistor.
OUT
Output
Driver Output. For application purposes, this pin is connected,
through a resistor, to Gate of a MOSFET/IGBT.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin
provides ground reference for the entire chip. This pin should be
connected to a low noise analog ground plane for optimum
performance.
Figure 3 - Characteristics Test Diagram
0V
5.0V
0V
Vcc
IXDI414
IXDN414
0V
Vcc
Agilent 1147A
Current Probe
15nF
10uF
25V
IXDE514
IXDD514
2500 pf
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com