Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDF502 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDF502
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF502 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDF502 Datasheet HTML 4Page - IXYS Corporation IXDF502 Datasheet HTML 5Page - IXYS Corporation IXDF502 Datasheet HTML 6Page - IXYS Corporation IXDF502 Datasheet HTML 7Page - IXYS Corporation IXDF502 Datasheet HTML 8Page - IXYS Corporation IXDF502 Datasheet HTML 9Page - IXYS Corporation IXDF502 Datasheet HTML 10Page - IXYS Corporation IXDF502 Datasheet HTML 11Page - IXYS Corporation IXDF502 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
IXDF502 / IXDI502 / IXDN502
Fig. 23
Fig. 24
Fig. 25
Fig. 26
Fig. 28
Fig. 27
Supply Current vs. Capacitive Load
VSUPPLY = 20V
0
50
100
150
200
250
300
350
400
100
1000
10000
Load Capacitance (pF)
100kHz
1MHz
2MHz
Supply Current vs. Frequency
VSUPPLY= 20V
0
50
100
150
200
250
300
350
400
100
1000
10000
Frequency (kHz)
560pF
1000pF
10000pF
5400pF
Output Source Current vs. Supply Voltage
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Output Sink Current vs. Supply Voltage
-7
-6
-5
-4
-3
-2
-1
0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Output Source Current vs. Temperature
VSUPPLY = 15V
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
Temperature (C)
Output Sink Current vs. Temperature
VSUPPLY = 15V
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-50
0
50
100
150
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com