Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDF502 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDF502
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF502 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDF502 Datasheet HTML 3Page - IXYS Corporation IXDF502 Datasheet HTML 4Page - IXYS Corporation IXDF502 Datasheet HTML 5Page - IXYS Corporation IXDF502 Datasheet HTML 6Page - IXYS Corporation IXDF502 Datasheet HTML 7Page - IXYS Corporation IXDF502 Datasheet HTML 8Page - IXYS Corporation IXDF502 Datasheet HTML 9Page - IXYS Corporation IXDF502 Datasheet HTML 10Page - IXYS Corporation IXDF502 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
IXDF502 / IXDI502 / IXDN502
Fig. 12
Fig. 14
Fig. 16
Fig. 11
Fig. 13
Fig. 15
Input Threshold Levels vs. Temperature
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
Temperature (C)
Positive going input
Negative going input
Propagation Delay vs. Supply Voltage
Rising Input, CLOAD = 1000pF
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Non-Inverting
Inverting
Propagation Delay vs. Supply Voltage
Falling Input, CLOAD = 1000pF
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
Inverting
Non-Inverting
Propagation Delay vs. Temperature
VSUPPLY = 15V CLOAD = 1000pF
0
5
10
15
20
25
30
35
40
-50
0
50
100
150
Temeprature (C)
Positve going input
Negative going input
Quiescent Current vs Supply Voltage
0
5
10
15
20
25
30
35
0V
5V
10V
15V
20V
25V
30V
35V
Supply Voltage (V)
inverting input=gnd
non-inverting input=vcc
Quiescent current vs Temperature
Vsupply = 15V
0
10
20
30
40
50
60
70
80
90
-55
-25
0
25
50
75
100
125
Temperature (C)
inverting input=gnd
non-inverting input=vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com