Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN504 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN504
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN504 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN504 Datasheet HTML 1Page - IXYS Corporation IXDN504 Datasheet HTML 2Page - IXYS Corporation IXDN504 Datasheet HTML 3Page - IXYS Corporation IXDN504 Datasheet HTML 4Page - IXYS Corporation IXDN504 Datasheet HTML 5Page - IXYS Corporation IXDN504 Datasheet HTML 6Page - IXYS Corporation IXDN504 Datasheet HTML 7Page - IXYS Corporation IXDN504 Datasheet HTML 8Page - IXYS Corporation IXDN504 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
IXDF504 / IXDI504 / IXDN504
Unless otherwise noted, 4.5V
≤ V
CC ≤ 30V .
All voltage measurements with respect to GND. IXD_504 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics @ T
A = 25
oC (3)
Absolute Maximum Ratings (1)
Operating Ratings (2)
Parameter
Value
Supply Voltage
35 V
All Other Pins (Unless specified
-0.3 V to V
CC + 0.3V
otherwise)
Junction Temperature
150
°C
Storage Temperature
-65
°C to 150 °C
Lead Temperature (10 Sec)
300
°C
Parameter
Value
Operating Supply Voltage
4.5V to 30V
Operating Temperature Range
-55
°C to 125 °C
(4)
IXYS reserves the right to change limits, test conditions, and dimensions.
Package Thermal Resistance *
8-PinPDIP
(PI)
θ
J-A (typ) 125 °C/W
8-PinSOIC
(SIA)
θ
J-A(typ)
200
°C/W
6-LeadDFN
(D1)
θ
J-A(typ)
125-200
°C/W
6-LeadDFN
(D1)
θ
J-C(max) 2.1 °C/W
6-LeadDFN
(D1)
θ
J-S(typ)
6.4°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ V
IN ≤ 18V
3
V
VIL
Low input voltage
4.5V
≤ V
IN ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
High state output resistance
VCC = 18V
IOUT = 10mA
1.5
2.5
Ω
ROL
Low state output resistance
VCC = 18V
IOUT = 10mA
1.2
2
Ω
IPEAK
Peak output current
VCC = 15V
4
A
IDC
Continuous output current
Limited by package
dissipation
1
A
tR
Rise time
CLOAD =1000pF
VCC =18V
9
16
ns
tF
Fall time
CLOAD =1000pF
VCC =18V
8
14
ns
tONDLY
On-time propagation delay
CLOAD =1000pF
VCC =18V
19
40
ns
tOFFDLY
Off-time propagation delay
CLOAD =1000pF
VCC =18V
18
35
ns
VCC
Power supply voltage
4.5
18
30
V
ICC
Power supply current
VCC = 18V, VIN = 0V
VIN = 3.5V
VIN = VCC
0.25
10
3
10
µA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com