Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN504 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDN504
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN504 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXDN504 Datasheet HTML 3Page - IXYS Corporation IXDN504 Datasheet HTML 4Page - IXYS Corporation IXDN504 Datasheet HTML 5Page - IXYS Corporation IXDN504 Datasheet HTML 6Page - IXYS Corporation IXDN504 Datasheet HTML 7Page - IXYS Corporation IXDN504 Datasheet HTML 8Page - IXYS Corporation IXDN504 Datasheet HTML 9Page - IXYS Corporation IXDN504 Datasheet HTML 10Page - IXYS Corporation IXDN504 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF504 / IXDI504 / IXDN504
Fig. 18
Fig. 17
Fig. 19
Fig. 20
Fig. 21
Fig. 22
Supply Current vs. Capacitive Load
VSUPPLY = 5V
0.01
0.1
1
10
100
100
1000
10000
Load Capacitance (pF)
100kHz
1MHz
2MHz
10kHz
Supply Current vs. Capacitive Load
VSUPPLY = 15V
0.01
0.1
1
10
100
1000
100
1000
10000
Load Capacitance (pF)
100kHz
1MHz
2MHz
10kHz
Supply Current vs. Capacitive Load
VSUPPLY= 30V
0.1
1
10
100
1000
100
1000
10000
Load Capacitance (pF)
2MHz
1MHz
100kHz
10kHz
Supply Current vs. Frequency
V
SUPPLY = 30V
0.1
1
10
100
1000
10
100
1000
10000
Frequency (kHz)
100pF
1000pF
5400pF
10000pF
Supply Current vs. Frequency
V
SUPPLY = 15V
0.01
0.1
1
10
100
1000
10
100
1000
10000
Frequency (kHz)
100pF
1000pF
10000pF
5400pF
Supply Current vs. Frequency
VSUPPLY = 5V
0.01
0.1
1
10
100
10
100
1000
10000
Frequency (kHz)
100pF
1000pF
10000pF
5400pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com