Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDR502 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDR502
Description  2 Ampere Single Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDR502 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDR502 Datasheet HTML 1Page - IXYS Corporation IXDR502 Datasheet HTML 2Page - IXYS Corporation IXDR502 Datasheet HTML 3Page - IXYS Corporation IXDR502 Datasheet HTML 4Page - IXYS Corporation IXDR502 Datasheet HTML 5Page - IXYS Corporation IXDR502 Datasheet HTML 6Page - IXYS Corporation IXDR502 Datasheet HTML 7Page - IXYS Corporation IXDR502 Datasheet HTML 8Page - IXYS Corporation IXDR502 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 2 Amps
• High 2A Peak Output Current
• Wide Operating Range: 4.5V to 25V
• -55°C to +125°C Extended Operating
Temperature
• High Capacitive Load Drive Capability: 1000pF
in <10ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
• Power Charge Pumps
General Description
The IXDR502, and IXDS502 each consist of a single 2A
CMOS high speed gate driver for driving the latest IXYS
MOSFETs & IGBTs. Each type can source and sink 2
Amps of peak current while producing voltage rise and
fall times of less than 15ns. The input of each driver is
TTL or CMOS compatible and is virtually immune to
latch up. Patented* design innovations eliminate cross
conduction and current "shoot-through". Improved
speed and drive capabilities are further enhanced by
very quick & matched rise and fall times.
The IXDR502 is configured as a single inverting gate
driver, and the IXDS502 is configured as a single non-
inverting gate driver.
The IXDR502, and IXDS502 are available in the 6-Lead
DFN (D1) package, which occupies less than 20% of
the board area of a typical 8-Pin SOIC package.
*United States Patent 6,917,227
Ordering Information
DS99909(10/07)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDR502 / IXDS502
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
Preliminary Technical Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDR502D1B
2A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
121
IXDR502D1BT/R
2A Low Side Gate Driver I.C.
6-Lead DFN
7” Tape and Reel
2500
Single Inverting
Driver
IXDS502D1B
2A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
121
IXDS502D1BT/R
2A Low Side Gate Driver I.C.
6-Lead DFN
7” Tape and Reel
2500
Single Non-
Inverting Driver


Similar Part No. - IXDR502

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
High Voltage IGBT with optional Diode ISOPLUSTM package
IXDR30N120D1 IXYS-IXDR30N120D1 Datasheet
69Kb / 4P
High Voltage IGBT with optional Diode ISOPLUSTM package
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
IGBT with optional Diode
More results

Similar Description - IXDR502

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com