Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDR502 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDR502
Description  2 Ampere Single Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDR502 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDR502 Datasheet HTML 1Page - IXYS Corporation IXDR502 Datasheet HTML 2Page - IXYS Corporation IXDR502 Datasheet HTML 3Page - IXYS Corporation IXDR502 Datasheet HTML 4Page - IXYS Corporation IXDR502 Datasheet HTML 5Page - IXYS Corporation IXDR502 Datasheet HTML 6Page - IXYS Corporation IXDR502 Datasheet HTML 7Page - IXYS Corporation IXDR502 Datasheet HTML 8Page - IXYS Corporation IXDR502 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IXDR502 / IXDS502
Pin Description
Figure 3 - Characteristics Test Diagram
CAUTION: Follow proper ESD procedures when handling and assembling this component.
1
2
3
4
5
6
IN
GND
Vcc
OUT
GND
GND
10uF
Vcc
1000 pF
Agilent 1147A
Current Probe
0.01uF
PIN NUMBER
SYMBOL
FUNCTION
DESCRIPTION
1
IN
Signal Input
Input signal-TTL or CMOS compatible.
2
Vcc
Supply Voltage
Positive power supply voltage input. This pin provides power to the
entire chip. The range for this voltage is from 4.5V to 25V.
3
OUT
Drive Output
Driver output. For application purposes, this pin is connected via a
resistor to the gate of a MOSFET or IGBT.
4,5,6
GND
Ground
The drivers ground pins. Internally connected to all circuitry, these
pins provide ground reference for the entire device. These pins
should be connected to a low noise analog ground plane for
optimum performance.
IXYS reserves the right to change limits, test conditions, and dimensions.
IXDS 6 Lead DFN (D1B)
(Bottom View)
NOTE: Solder tabs on bottoms of DFN packages are grounded
5
6
4
3
2
1
GND
GND
GND
IN
OUT
Vcc
5
6
4
3
2
1
GND
GND
GND
IN
OUT
Vcc
IXDR 6 Lead DFN (D1B)
(Bottom View)
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com