Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXS839B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXS839B
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839B Datasheet(HTML) 2 Page - IXYS Corporation

  IXS839B Datasheet HTML 1Page - IXYS Corporation IXS839B Datasheet HTML 2Page - IXYS Corporation IXS839B Datasheet HTML 3Page - IXYS Corporation IXS839B Datasheet HTML 4Page - IXYS Corporation IXS839B Datasheet HTML 5Page - IXYS Corporation IXS839B Datasheet HTML 6Page - IXYS Corporation IXS839B Datasheet HTML 7Page - IXYS Corporation IXS839B Datasheet HTML 8Page - IXYS Corporation IXS839B Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IXYS
2
IXS839 / IXS839A / IXS839B
Figure 3. IXS839B Functional Block Diagram and General Application Circuit
UVLO
OVERLAP
PROTECTION
CIRCUIT
CDLY
DLY
4
VDD
BST
HGD
SW
LGD
PGND
CBST
VIN
5V
DBST
5
10
9
8
6
7
LSD
3
PWM
2
1
SD
VOUT
Q1
Q2
Ordering Information
Absolute Maximum Ratings
Parameter
Rating
VDD
-0.3V to +7V
BST
-0.3V to +30V
BST to SW
-0.3V to +7V
SW
-0.2V to +24V
PWM
-0.3V to +7V
Operating Ambient Temp Range
-40°C to +85°C
Operating Junction Temp Range
-40°C to +125°C
θJA
150°C/W
θJC
40°C/W
Storage Temp Range
-65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
Part No.
Description
Package
Pack Quantity
IXS839S1
Under Voltage Lockout
8-Pin SOIC
98
(Tube)
IXS839S1T/R
Under Voltage Lockout
8-Pin SOIC
2500 (Tape & Reel)
IXS839AQ2
Driver Shutdown, Low Side Shutdown
10-Pin QFN
121 (Tube)
IXS839AQ2T/R Driver Shutdown, Low Side Shutdown
10-Pin QFN
2000 (Tape & Reel)
IXS839BQ2
Under Voltage Lockout , Driver Shutdown, Low Side Shutdown
10-Pin QFN
121 (Tube)
IXS839BQ2T/R Under Voltage Lockout , Driver Shutdown, Low Side Shutdown
10-Pin QFN
2000 (Tape & Reel)
Absolute Maximum Ratings are stress ratings.
Stresses in excess of these ratings can cause
permanent
damage
to
the
device.
Functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for
an extended period may degrade the device and
affect its reliability.
ESD Warning
ESD (electrostatic discharge) sensitive device. Electrostatic charges can readily accumulate on test equipment and the human body
in excess of 4000 Volts. This energy can discharge without detection. Although the IXS839/839A/839B feature proprietary ESD
protection circuitry, permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com