Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXS839B Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXS839B
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839B Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXS839B Datasheet HTML 3Page - IXYS Corporation IXS839B Datasheet HTML 4Page - IXYS Corporation IXS839B Datasheet HTML 5Page - IXYS Corporation IXS839B Datasheet HTML 6Page - IXYS Corporation IXS839B Datasheet HTML 7Page - IXYS Corporation IXS839B Datasheet HTML 8Page - IXYS Corporation IXS839B Datasheet HTML 9Page - IXYS Corporation IXS839B Datasheet HTML 10Page - IXYS Corporation IXS839B Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IXYS
7
IXS839 / IXS839A / IXS839B
Typical Performance Characteristics
Fig 7. HGD Fall and LGD Rise Times
Fig 8. LGD Fall and HGD Rise Times
Cl=3nF
Vdd=5V
HGD
LGD
0
5
10
15
20
25
-40
-15
10
35
60
85
Ta (°C)
HGD
Cl=3nF
Vdd=5V
LGD
0
5
10
15
20
25
-40
-15
10
35
60
85
Ta (°C)
Fig 9. HGD & LGD Rise Time vs. Temperature
Fig 10. HGD & LGD Fall Time vs. Temperature
Capacitance (nF)
Ta=25C
Vdd=5V
HGD
LGD
0
5
10
15
20
25
1.0
2.0
3.0
4.0
5.0
HGD
Ta=25C
Vdd=5V
LGD
0
5
10
15
20
25
1.0
2.0
3.0
4.0
5.0
Capacitance (nF)
Fig 11. HGD and LGD Rise Time vs. Load Capacitance
Fig 12. HGD and LGD Fall Time vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com