Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI504PI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDI504PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI504PI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDI504PI Datasheet HTML 1Page - IXYS Corporation IXDI504PI Datasheet HTML 2Page - IXYS Corporation IXDI504PI Datasheet HTML 3Page - IXYS Corporation IXDI504PI Datasheet HTML 4Page - IXYS Corporation IXDI504PI Datasheet HTML 5Page - IXYS Corporation IXDI504PI Datasheet HTML 6Page - IXYS Corporation IXDI504PI Datasheet HTML 7Page - IXYS Corporation IXDI504PI Datasheet HTML 8Page - IXYS Corporation IXDI504PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 4 Amps
• High Peak Output Current: 4A Peak
• Wide Operating Range: 4.5V to 30V
• -55°C to +125°C Extended Operating
Temperature
• High Capacitive Load
Drive Capability: 1800pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in Single Chip
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
• Power Charge Pumps
General Description
The IXDF504, IXDI504 and IXDN504 each consist of two 4-
Amp CMOS high speed MOSFET Gate Drivers for driving
the latest IXYS MOSFETs & IGBTs. Each of the outputs
can source and sink 4 Amps of Peak Current while produc-
ing voltage rise and fall times of less than 15ns. The input
of each driver is TTL or CMOS compatible and is virtually
immune to latch up. Patented* design innovations eliminate
cross conduction and current "shoot-through". Improved
speed and drive capabilities are further enhanced by very
fast, matched rise and fall times.
The IXDF504 is configured with one Gate Driver Inverting +
one Gate Driver Non-Inverting. The IXDI504 is configured as
a Dual Inverting Gate Driver, and the IXDN504 is configured
as a Dual Non-Inverting Gate Driver.
The IXDF504, IXDI504 and IXDN504 are each available in
the 8-Pin P-DIP (PI) package, the 8-Pin SOIC (SIA) pack-
age, and the 6-Lead DFN (D1) package, (which occupies
less than 65% of the board area of the 8-Pin SOIC).
*United States Patent 6,917,227
Ordering Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDF504PI
4A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDF504SIA
4A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDF504SIAT/R
4A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDF504D1
4A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDF504D1T/R
4A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual Drivers,
one Inverting
and one Non-
Inverting
IXDI504PI
4A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDI504SIA
4A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDI504SIAT/R
4A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDI504D1
4A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDI504D1T/R
4A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual Inverting
Drivers
IXDN504PI
4A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDN504SIA
4A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDN504SIAT/R
4A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDN504D1
4A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDN504D1T/R
4A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual Non-
Inverting
Drivers
DS99567A(10/07)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF504 / IXDI504 / IXDN504
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers


Similar Part No. - IXDI504PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI504PI IXYS-IXDI504PI Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDI504PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com